Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3642TLX-LT Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3642TLX-LT
Description  Synchronous Boost LED Flash Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLX-LT Datasheet(HTML) 1 Page - Texas Instruments

  LM3642TLX-LT Datasheet HTML 1Page - Texas Instruments LM3642TLX-LT Datasheet HTML 2Page - Texas Instruments LM3642TLX-LT Datasheet HTML 3Page - Texas Instruments LM3642TLX-LT Datasheet HTML 4Page - Texas Instruments LM3642TLX-LT Datasheet HTML 5Page - Texas Instruments LM3642TLX-LT Datasheet HTML 6Page - Texas Instruments LM3642TLX-LT Datasheet HTML 7Page - Texas Instruments LM3642TLX-LT Datasheet HTML 8Page - Texas Instruments LM3642TLX-LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
OUT
SW
TX/TORCH
SDA
SCL
1 2H
10 2F
10 2F
STROBE
LED
Flash
LED
2.5V to 5.5V
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3642
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
1 Features
3 Description
The LM3642 is a 4-MHz fixed-frequency synchronous
1
1.5-A High-Side Current Source for Single LED
boost converter plus 1.5-A constant current driver for
> 85% Efficiency in Torch Mode (at 100 mA) and
a high-current white LED. The high-side current
Flash Mode (at 1 A to 1.5 A)
source allows for grounded cathode LED operation
Accurate Programmable Flash LED Current from
providing Flash current up to 1.5 A. An adaptive
regulation
method
ensures
the
current
source
93 mA to 1.5 A
remains in regulation and maximizes efficiency.
Accurate Programmable Torch LED Currents:
The LM3642 is controlled via an I2C-compatible
48.4 mA to 375 mA
interface. Features include a hardware flash enable
24 mA to 187 mA (LT option)
(STROBE) allowing a logic input to trigger the flash
Small Solution Size: < 20 mm2
pulse as well as a TX input which forces the flash
Soft-Start Operation for Battery Protection
pulse into a low-current Torch Mode, allowing for
synchronization to RF power amplifier events or other
Hardware Strobe Enable
high-current conditions.
Synchronization Input for RF Power Amplifier
The
4-MHz
switching
frequency,
overvoltage
Pulse Events
protection and adjustable current limit settings allow
VIN Flash Monitor Optimization
the use of tiny, low-profile inductors and (10-µF)
400-kHz I2C-Compatible Interface
ceramic capacitors. The device is available in a small
0.5-mm Pitch, 9-Bump DSBGA
9-bump DSBGA package and operates over the
−40°C to 85°C temperature range.
2 Applications
Device Information(1)
Camera Phone LED Flash
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3642
DSBGA (9)
1.69 mm × 1.64 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3642TLX-LT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
More results

Similar Description - LM3642TLX-LT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com