Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13445-368LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY13445-368LF
Description  Dual-Band SP3T and SP2T Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13445-368LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY13445-368LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13445-368LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DATA SHEET • SKY13445-368LF: DUAL-BAND, SPDT AND SP3T WLAN SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
October 30, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202794C
Table 1. SKY13445-368LF Signal Descriptions (Note 1)
Pin
Name
Description
Pin
Name
Description
1
VC4
Control line 4 for ANT5 to RX5 path
7
RX2
2.4 to 2.5 GHz receive port. Must be DC
blocked for proper operation.
2
VC5
Control line 5 for ANT5 to TX5 path
8
BT
Bluetooth RF port. Must be DC blocked for
proper operation.
3
RX5
4.9 to 6.0 GHz receive port. Must be DC
blocked for proper operation.
9
VC3
Control line 3 for ANT2 to RX2 path
4
TX5
4.9 to 6.0 GHz transmit port. Must be DC
blocked for proper operation.
10
ANT2
2.4 to 2.5 GHz antenna port. Must be DC
blocked for proper operation.
5
VC2
Control line 2 for ANT2 to TX2 path
11
VC1
Control line 1 for ANT2 to BT path
6
TX2
2.4 to 2.5 GHz transmit port. Must be DC
blocked for proper operation.
12
ANT5
4.9 to 6.0 GHz antenna port. Must be DC
blocked for proper operation.
Note 1: Bottom ground paddle must be connected to ground.
Table 2. SKY13445-368LF Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Control voltage (room temperature, normal operating power)
VCTL
–0.5
+5.0
V
RF input power (OFDM modulated):
2.5 GHz, SP3T switch
5.0 GHz, SP2T switch
PIN2G
PIN5G
+31
+29
dBm
dBm
Storage temperature
TSTG
–55
+150
C
Operating temperature
TOP
–30
+90
C
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13445-368LF are
provided in Table 2. Electrical specifications are provided in
Tables 3 and 4.
The state of the SKY13445-368LF is determined by the logic
provided in Table 5.
Typical performance characteristics of the SKY13445-368LF are
illustrated in Figures 3 to 10.


Similar Part No. - SKY13445-368LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13449-001 SKYWORKS-SKY13449-001 Datasheet
395Kb / 8P
   0.5 to 3.0 GHz SP3T High-Power Antenna Tuning Switch in a WLCSP Package
SKY13449-001-EVB SKYWORKS-SKY13449-001-EVB Datasheet
395Kb / 8P
   0.5 to 3.0 GHz SP3T High-Power Antenna Tuning Switch in a WLCSP Package
More results

Similar Description - SKY13445-368LF

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2031TQ NEC-UPG2031TQ Datasheet
99Kb / 8P
   L-BAND SP3T SWITCH
UPG2045TQ NEC-UPG2045TQ Datasheet
100Kb / 8P
   L-BAND SP3T SWITCH
UPG2404T6Q NEC-UPG2404T6Q Datasheet
88Kb / 9P
   L-BAND SP3T SWITCH
logo
California Eastern Labs
UPG2227T5F CEL-UPG2227T5F Datasheet
408Kb / 8P
   NECs L-BAND SP3T SWITCH
UPG2031TQ CEL-UPG2031TQ Datasheet
357Kb / 7P
   NECs L-BAND SP3T SWITCH
logo
Skyworks Solutions Inc.
AS197-306LF SKYWORKS-AS197-306LF Datasheet
364Kb / 5P
   PHEMT GaAs IC High-Power SP2T and SP3T Switch 0.1-2.5 GHz
logo
Fairchild Semiconductor
FSA3259 FAIRCHILD-FSA3259 Datasheet
337Kb / 10P
   Dual SP3T Analog Switch
logo
DAICO Industries, Inc.
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
   Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
   SP2T Switch
DSWA9072 DAICO-DSWA9072 Datasheet
32Kb / 1P
   Switch SP2T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com