Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22924D Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS22924D
Description  On-Resistance Load Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22924D Datasheet(HTML) 2 Page - Texas Instruments

  TPS22924D_15 Datasheet HTML 1Page - Texas Instruments TPS22924D_15 Datasheet HTML 2Page - Texas Instruments TPS22924D_15 Datasheet HTML 3Page - Texas Instruments TPS22924D_15 Datasheet HTML 4Page - Texas Instruments TPS22924D_15 Datasheet HTML 5Page - Texas Instruments TPS22924D_15 Datasheet HTML 6Page - Texas Instruments TPS22924D_15 Datasheet HTML 7Page - Texas Instruments TPS22924D_15 Datasheet HTML 8Page - Texas Instruments TPS22924D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS22924D
SLVSBT4A – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 11
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 11
2
Applications ........................................................... 1
8.3
Feature Description................................................. 11
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 12
4
Revision History..................................................... 2
9
Application and Implementation ........................ 13
5
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 13
6
Specifications......................................................... 3
9.2
Typical Application ................................................. 13
6.1
Absolute Maximum Ratings ..................................... 3
10
Power Supply Recommendations ..................... 15
6.2
ESD Ratings.............................................................. 3
11
Layout................................................................... 15
6.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 15
6.4
Thermal Information .................................................. 4
11.2
Layout Example .................................................... 15
6.5
Electrical Characteristics........................................... 4
12
Device and Documentation Support ................. 16
6.6
Switching Characteristics: VIN = 3.6 V ...................... 5
12.1
Community Resources.......................................... 16
6.7
Switching Characteristics: VIN = 0.9 V ...................... 5
12.2
Trademarks ........................................................... 16
6.8
Dissipation Ratings ................................................... 5
12.3
Electrostatic Discharge Caution ............................ 16
6.9
Typical Characteristics .............................................. 6
12.4
Glossary ................................................................ 16
7
Parametric Measurement Information ............... 10
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 11
Information ........................................................... 16
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (May 2013) to Revision A
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS22924D


Similar Part No. - TPS22924D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924DYZPR TI-TPS22924DYZPR Datasheet
921Kb / 18P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22924DYZPT TI-TPS22924DYZPT Datasheet
921Kb / 18P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
More results

Similar Description - TPS22924D_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Fairchild Semiconductor
FPF1038 FAIRCHILD-FPF1038 Datasheet
622Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com