Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS24751RUVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24751RUVR
Description  12A eFuse Circuit Protector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24751RUVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS24751RUVR Datasheet HTML 1Page - Texas Instruments TPS24751RUVR Datasheet HTML 2Page - Texas Instruments TPS24751RUVR Datasheet HTML 3Page - Texas Instruments TPS24751RUVR Datasheet HTML 4Page - Texas Instruments TPS24751RUVR Datasheet HTML 5Page - Texas Instruments TPS24751RUVR Datasheet HTML 6Page - Texas Instruments TPS24751RUVR Datasheet HTML 7Page - Texas Instruments TPS24751RUVR Datasheet HTML 8Page - Texas Instruments TPS24751RUVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
GND
TIMER
PROG
EN
DRAIN
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
31
30
29
28
27
26
25
24
23
22
21
20
19
DRAIN
GND
Thermal pad-2
Thermal pad-1
DRAIN
DRAIN
DRAIN
DRAIN
TPS24750, TPS24751
SLVSC87A – OCTOBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
TPS24750, TPS24751 RUV Package
VQFN 36-Pin
Top View
Pin Functions
NUMBER
NAME
TPS24750
I/O
DESCRIPTION
TPS24751
EN
33
I
Active high enable input. Logic input. Connects to resistor divider.
FLTb
30
I
Active-low, open-drain output indicates overload fault timer has turned internal FET off.
GATE
25
I/O
Gate driver output for the internal MOSFET.
GND
4, 28, 32, 36
GND
Ground.
IMON
2
O
Load current analog and current limit program point. Connect RIMON to ground.
OUT
6-13, 19-24
I/O
Internally connect to the source of internal pass MOSFET. Connect to output capacitors and load
Overvoltage comparator input. Connects to resistor divider. GATE will be pulled low when OV
OV
1
I
exceeds the threshold.
Active-low, open-drain power good indicator. Status is determined by the voltage across the
PGb
31
O
MOSFET.
Power-limiting programming pin. A resistor from this pin to GND sets the maximum power
PROG
34
I
dissipation for the internal pass MOSFET.
Current sensing input for resistor shunt from VCC to SENSE. Connect to a terminal of current
SENSE
26
I
sense resistor.
The drain of the internal pass MOSFET. Connect to a terminal of current sense resistor in the
DRAIN
5, 14-18, 27
I
power path
SET
3
I
Current limit programming set pin. A resistor is connected from this pin to VCC.
TIMER
35
I/O
A capacitor connected from this pin to GND provides a fault timing function.
VCC
29
I
Input voltage sense and power supply.
Pad-1
Tied to GND.
Pad-2
Tied to DRAIN.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS24750 TPS24751


Similar Part No. - TPS24751RUVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24751RUVR TI1-TPS24751RUVR Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
More results

Similar Description - TPS24751RUVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
[Old version datasheet]   12A eFuse Circuit Protector with Current Monitor
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
   Circuit Protector Elements
UNH0104 PANASONIC-UNH0104 Datasheet
38Kb / 2P
   Circuit Protector Elements
UNHZ202 PANASONIC-UNHZ202 Datasheet
65Kb / 3P
   Circuit Protector Elements
UNH0127 PANASONIC-UNH0127 Datasheet
35Kb / 2P
   Circuit Protector Elements
UNH0006 PANASONIC-UNH0006 Datasheet
51Kb / 2P
   Circuit Protector Elements
logo
NTE Electronics
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
   Integrated Circuit Protector
NTE15005E NTE-NTE15005E_09 Datasheet
54Kb / 2P
   Integrated Circuit Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com