Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61055DRCT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61055DRCT
Description  High-Power White LED Driver 2-mHz Synchronous Boost Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61055DRCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61055DRCT Datasheet HTML 7Page - Texas Instruments TPS61055DRCT Datasheet HTML 8Page - Texas Instruments TPS61055DRCT Datasheet HTML 9Page - Texas Instruments TPS61055DRCT Datasheet HTML 10Page - Texas Instruments TPS61055DRCT Datasheet HTML 11Page - Texas Instruments TPS61055DRCT Datasheet HTML 12Page - Texas Instruments TPS61055DRCT Datasheet HTML 13Page - Texas Instruments TPS61055DRCT Datasheet HTML 14Page - Texas Instruments TPS61055DRCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
16-bitPrescaler
Safety Timer
LEDCURRENT CONTROL
Tx-TOFF
tSTIM
2MHzCLOCK
EdgeDetect
Start
0: TORCHCURRENT LEVEL
1:FLASHCURRENT LEVEL
122Hz
MODE1
400kW
30.5Hz
Duty-CycleGenerator(6.3%)
LEDON/OFFCONTROL
0:LEDOFF
1: TORCHCURRENT LEVEL
LEDCURRENT CONTROL
ILED
0
0
TorchCurrent
0
1
TorchCurrent
1
0
FlashCurrent
1
1
Torch Current
Tx-TOFF
400kW
MODE0
FLASH_SYNC
TPS61054, TPS61055
www.ti.com
SLUS760B – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
Functional Block Diagrams (continued)
Figure 13. Timer Block Diagram of TPS6105x
9.3 Feature Description
9.3.1 Operation
In boost mode, the duty cycle of the converter is set by the error amplifier and the saw-tooth ramp applied to the
comparator. Because the control architecture is based on a current-mode control, a compensation ramp is added
to allow stable operation at duty cycles larger than 50%. The converter is a fully-integrated synchronous-boost
converter, always operating in continuous-conduction mode. This allows low-noise operation, and avoids ringing
on the switch pin, which would be seen on a converter when entering discontinuous-conduction mode.
The TPS6105x device not only operates as a regulated current source but also as a standard voltage-boost
regulator. This additional operating mode can be useful to properly synchronize the converter when supplying
other high-power devices in the system, such as a hands-free audio power amplifier, or any other component
requiring a supply voltage higher than the battery voltage.
The mode of operation (shutdown, torch and flash modes, constant voltage regulation) selection is done through
the MODE0/1 control inputs.
Table 2. TPS6105x Operating Modes
MODE1 MODE0
OPERATING MODES
0
0
Power stage is in shutdown. The output is either connected directly to the battery through the body diode of the rectifier.
LED is turned on for torch light operation. The converter is operating in the current regulation mode (CM).
0
1
The output voltage is controlled by the forward voltage characteristic of the LED.
LED is turned on for flashlight operation. The converter is operating in the current regulation mode (CM).
1
0
The output voltage is controlled by the forward voltage characteristic of the LED.
LED is turned off and the converter is operating in voltage regulation mode (VM).
1
1
The output voltage is regulated to 5.0 V.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS61054 TPS61055


Similar Part No. - TPS61055DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61055DRCT TI-TPS61055DRCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
More results

Similar Description - TPS61055DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com