Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS259240DRCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS259240DRCT
Description  12V eFuse with Over Voltage Protection and Blocking FET Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259240DRCT Datasheet(HTML) 5 Page - Texas Instruments

  TPS259240DRCT Datasheet HTML 1Page - Texas Instruments TPS259240DRCT Datasheet HTML 2Page - Texas Instruments TPS259240DRCT Datasheet HTML 3Page - Texas Instruments TPS259240DRCT Datasheet HTML 4Page - Texas Instruments TPS259240DRCT Datasheet HTML 5Page - Texas Instruments TPS259240DRCT Datasheet HTML 6Page - Texas Instruments TPS259240DRCT Datasheet HTML 7Page - Texas Instruments TPS259240DRCT Datasheet HTML 8Page - Texas Instruments TPS259240DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS259240, TPS259241
www.ti.com
SLVSCU9A – AUGUST 2015 – REVISED AUGUST 2015
7.4 Thermal Information
over operating free-air temperature range (unless otherwise noted)
(1)
TPS25924x
THERMAL METRIC
DRC (VSON)
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
45.9
RθJCtop
Junction-to-case (top) thermal resistance
53
RθJB
Junction-to-board thermal resistance
21.2
°C/W
ψJT
Junction-to-top characterization parameter
1.2
ψJB
Junction-to-board characterization parameter
21.4
RθJCbot
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5
Electrical Characteristics
–40°C
≤ TJ ≤ 125°C, VIN = 12 V, VEN /UVLO = 2 V, RILIM = 100 kΩ, CdVdT = OPEN. All voltages referenced to GND (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN (INPUT SUPPLY)
VUVR
UVLO threshold, rising
4.15
4.3
4.45
V
VUVhyst
UVLO hysteresis(1)
5%
IQON
Enabled: EN/UVLO = 2 V
0.3
0.42
0.55
mA
Supply current
IQOFF
EN/UVLO = 0 V
0.13
0.225
mA
VOVC
Over-voltage clamp
VIN > 16.5 V, IOUT = 10 mA
13.8
15
16.5
V
EN/UVLO (ENABLE/UVLO INPUT)
VENR
EN Threshold voltage, rising
1.37
1.4
1.44
V
VENF
EN Threshold voltage, falling
1.32
1.35
1.39
V
IEN
EN Input leakage current
0 V
≤ VEN ≤ 5 V
–100
0
100
nA
dV/dT (OUTPUT RAMP CONTROL)
IdVdT
dV/dT Charging current(1)
VdVdT = 0 V
220
nA
RdVdT_disch
dV/dT Discharging resistance
EN/UVLO = 0 V, IdVdT = 10 mA sinking
50
73
100
Ω
VdVdTmax
dV/dT Max capacitor voltage(1)
5.5
V
GAINdVdT
dV/dT to OUT gain(1)
ΔVdVdT
4.85
V/V
ILIM (CURRENT LIMIT PROGRAMMING)
IILIM
ILIM Bias current(1)
10
µA
RILIM = 10 kΩ, VVIN-OUT = 1 V
1.02
RILIM = 45.3 kΩ, VVIN-OUT = 1 V
1.79
2.10
2.42
IOL
A
RILIM = 100 kΩ, VVIN-OUT = 1 V
3.46
3.75
4.03
RILIM = 150 kΩ, VVIN-OUT = 1 V
4.5
5.1
5.7
Overload current limit(2)
RILIM = 0 Ω, Shorted Resistor Current Limit (Single Point
IOL-R-Short
0.84
A
Failure Test: UL60950)(1)
RILIM = OPEN, Open Resistor Current Limit (Single Point
IOL-R-Open
0.73
A
Failure Test: UL60950)(1)
RILIM = 10 kΩ, VVIN-OUT = 12 V
1
RILIM = 45.3 kΩ, VVIN-OUT = 12 V
1.66
1.98
2.37
ISCL
Short-circuit current limit(2)
A
RILIM = 100 kΩ, VVIN-OUT = 12 V
2.90
3.32
3.85
RILIM = 150 kΩ, VVIN-OUT = 12 V
3.7
4.5
5.5
Fast-Trip comparator level w.r.t.
RATIOFASTRIP
IFASTRIP : IOL
160%
overload current limit(1)
ILIM Open resistor detect
VOpenILIM
VILIM Rising, RILIM = OPEN
3.1
V
threshold(1)
(1)
These parameters are provided for reference only and do not constitute part of TI's published device specifications for purposes of TI's
product warranty.
(2)
Pulsed testing techniques used during this test maintain junction temperature approximately equal to ambient temperature.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS259240 TPS259241


Similar Part No. - TPS259240DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS259240DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com