Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS259250DRCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS259250DRCT
Description  Simple 5V/12V eFuse Protection Switches
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259250DRCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS259250DRCT Datasheet HTML 3Page - Texas Instruments TPS259250DRCT Datasheet HTML 4Page - Texas Instruments TPS259250DRCT Datasheet HTML 5Page - Texas Instruments TPS259250DRCT Datasheet HTML 6Page - Texas Instruments TPS259250DRCT Datasheet HTML 7Page - Texas Instruments TPS259250DRCT Datasheet HTML 8Page - Texas Instruments TPS259250DRCT Datasheet HTML 9Page - Texas Instruments TPS259250DRCT Datasheet HTML 10Page - Texas Instruments TPS259250DRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
14.5
15
15.5
16
-50
0
50
100
150
Temperature (
ƒC)
10 mA
100 mA
500 mA
C005
5.4
5.6
5.8
6
6.2
6.4
6.6
-50
0
50
100
150
Temperature (oC)
10 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C003
0
0.2
0.4
0.6
0.8
1
0
5
10
15
20
V
IN (V)
125 °C
85 °C
25 °C
-40 °C
C004
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
-50
0
50
100
150
Temperature (
ƒC)
C001
0
0.05
0.1
0.15
0.2
0.25
0
5
10
15
20
V
IN (V)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
C002
TPS259250, TPS259251, TPS259260, TPS259261
www.ti.com
SLVSCQ3A – AUGUST 2015 – REVISED AUGUST 2015
7.7 Typical Characteristics
TJ = 25°C, VVIN = 12 V for TPS25926x, VVIN = 5 V for TPS25925x, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN = 0.1 µF, COUT = 1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 1. Input UVLO vs Temperature
Figure 2. IQ-OFF vs VIN
TPS25926x
TPS25925x
Figure 3. IVIN-ON vs VIN
Figure 4. IVIN-ON vs VIN
TPS25925x
TPS25926x
Figure 6. VOVC vs Temperature
Figure 5. VOVC vs Temperature Across IOUT
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS259250 TPS259251 TPS259260 TPS259261


Similar Part No. - TPS259250DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS259250DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
   SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com