Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS25923 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25923
Description  5V eFuse with Over Voltage Protection and Blocking FET Control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25923 Datasheet(HTML) 3 Page - Texas Instruments

  TPS25923 Datasheet HTML 1Page - Texas Instruments TPS25923 Datasheet HTML 2Page - Texas Instruments TPS25923 Datasheet HTML 3Page - Texas Instruments TPS25923 Datasheet HTML 4Page - Texas Instruments TPS25923 Datasheet HTML 5Page - Texas Instruments TPS25923 Datasheet HTML 6Page - Texas Instruments TPS25923 Datasheet HTML 7Page - Texas Instruments TPS25923 Datasheet HTML 8Page - Texas Instruments TPS25923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
GND
dV/dT
VIN
EN/UVLO
ILIM
BFET
OUT
OUT
OUT
VIN
VIN
1
5
6
10
TPS259230, TPS259231
www.ti.com
SLVSCV0A – AUGUST 2015 – REVISED AUGUST 2015
5 Device Comparison Table
PART NUMBER
UV
OV CLAMP
FAULT RESPONSE
STATUS
TPS259231
4.3 V
6.1 V
Auto Retry
Active
TPS259230
4.3 V
6.1 V
Latched
Active
6 Pin Configuration and Functions
DRC Package
10-Pin VSON
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NUMBER
Connect this pin to the gate of a blocking NFET. See the Feature Description section. Leave this pin floating
BFET
9
if it is not used.
dV/dT
1
Tie a capacitor from this pin to GND to control the ramp rate of OUT at device turn-on.
EN/UVLO
2
This is a dual function control pin. When used as an ENABLE pin and pulled down, it shuts off the internal
pass MOSFET and pulls BFET to GND. When pulled high, it enables the device and BFET.
As an UVLO pin, it can be used to program different UVLO trip point via external resistor divider.
GND
Thermal Pad
GND
ILIM
10
A resistor from this pin to GND will set the overload and short circuit limit.
OUT
6-8
Output of the device
VIN
3-5
Input supply voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS259230 TPS259231


Similar Part No. - TPS25923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS25923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com