Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS259270DRCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS259270DRCT
Description  4.5V to 18-V eFuse with Blocking FET Control
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259270DRCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS259270DRCT Datasheet HTML 5Page - Texas Instruments TPS259270DRCT Datasheet HTML 6Page - Texas Instruments TPS259270DRCT Datasheet HTML 7Page - Texas Instruments TPS259270DRCT Datasheet HTML 8Page - Texas Instruments TPS259270DRCT Datasheet HTML 9Page - Texas Instruments TPS259270DRCT Datasheet HTML 10Page - Texas Instruments TPS259270DRCT Datasheet HTML 11Page - Texas Instruments TPS259270DRCT Datasheet HTML 12Page - Texas Instruments TPS259270DRCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Temperature (oC)
-50
0
50
100
150
0.65
0.7
0.75
0.8
D001
RILIM Resistor (k:)
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
4
D001
Temperature (oC)
-50
0
50
100
150
0.75
0.8
0.85
0.9
0.95
D001
-12
-10
-8
-6
-4
-2
0
2
-50
0
50
100
150
Temperature (oC)
IOL-100k
ISC-100k
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
VVIN-OUT (V)
125 C
o
85 C
o
25 C
o
-40 C
o
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-50
0
50
100
150
Temperature (oC)
IOL-150k
ISC-150k
TPS259270, TPS259271
www.ti.com
SLVSCU8A – AUGUST 2015 – REVISED AUGUST 2015
Typical Characteristics (continued)
TJ = 25°C, VVIN = 12 V, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN = 0.1 µF, COUT = 1 µF, CdVdT = OPEN (unless stated otherwise)
RILIM = 150 kΩ
RILIM = 100 kΩ
Figure 13. IOL, ISC vs Temperature
Figure 14. IVOUT vs VVIN-OUT
RILIM = 100 kΩ
RILIM = 0 Ω
Figure 15. IOL, ISC vs Temperature
Figure 16. IOL-R-Short vs Temperature
RILIM = OPEN
Figure 17. IOL-R-Open vs Temperature
Figure 18. Overload Current Limit vs RILIM Resistor
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS259270 TPS259271


Similar Part No. - TPS259270DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

Similar Description - TPS259270DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com