Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650842A0RSKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650842A0RSKT
Description  PMIC for Intel Braswell Platform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650842A0RSKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS650842A0RSKT Datasheet HTML 1Page - Texas Instruments TPS650842A0RSKT Datasheet HTML 2Page - Texas Instruments TPS650842A0RSKT Datasheet HTML 3Page - Texas Instruments TPS650842A0RSKT Datasheet HTML 4Page - Texas Instruments TPS650842A0RSKT Datasheet HTML 5Page - Texas Instruments TPS650842A0RSKT Datasheet HTML 6Page - Texas Instruments TPS650842A0RSKT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS650842
SWCS132 – AUGUST 2015
TPS650842 PMIC for Intel Braswell Platform
1
Device Overview
1.1
Features
1
• Three Variable-Output Voltage Step-Down
• Three LDO Regulators With Adjustable Output
Controllers
Voltage
– Wide VIN Range From 5.4 V to 21 V
– LDOA1: I2C-Selectable Output Voltage From
1.35 V to 3.3 V for up to 200 mA of Output
– Up to 7-A Output Current for BUCK1 (VCC) and
Current
BUCK6 (VDDQ), and 11-A for BUCK2 (VGG)
Using External FETs
– LDOA2: I2C-Selectable Output Voltage From
1.05 V, 1.1 V, 1.15 V, and 1.2 V
– I2C DVS Control (0.5 V to 1.45 V in 10-mV
Steps) for BUCK1 and BUCK2
– LDOA3: I2C-Selectable Output Voltage From
1.1 V, 1.15 V, 1.2 V, and 1.24 V
– Pin-Selectable Dual Output Voltages (1.2 V or
1.35 V) for BUCK6 (VDDQ)
• VTT LDO for DDR3 and DDR4 Memory
Termination
• Three Variable-Output Voltage Synchronous Step-
Down Converters
• Three Load Switches With Slew Rate Control
– VIN Range From 4.5 V to 5.5 V
– Up to 300 mA of Output Current With Voltage
Drop Less Than 1.5% of Nominal Input Voltage
– Up to 3.5 A of Output Current for BUCK3 (VNN)
With I2C DVS Control (0.65 V to
– RDSON < 96 mΩ at Input Voltage of 1.8 V
1.45 V in 25-mV Steps)
• I2C Interface (Device Address 0x5E) Supports
– Up to 3 A of Output Current for BUCK4
Standard Mode (100 kHz), Fast Mode (400 kHz),
(V1P05A) and up to 1.5 A of Output Current for
and Fast Mode Plus (1 MHz)
BUCK5 (V1P8A)
• 64-Pin, Single-Row, 0.4-mm Pitch QFN Package
1.2
Applications
2-, 3-, or 4-Series Cell Li-Ion Battery Powered
Tablet, Ultrabook, and Notebook Computers
Products (NVDC or Non-NVDC)
Mobile PCs and Mobile Internet Devices
1.3
Description
The TPS650842 device is a single-chip solution, power-management IC designed specifically for the latest
Intel™ processors targeted for tablets, ultrabooks, and notebooks with NVDC or non-NVDC power
architectures, using 2S, 3S, or 4S Li-Ion battery packs. The TPS650842 device is used for essential
systems with low-voltage rails merged for the smallest footprint and lowest-cost system-power solution.
The TPS650842 device provides the complete power solution based on the Intel Reference Designs. Six
highly efficient step-down voltage regulators (VRs), a sink or source LDO (VTT), two LDOs, and three load
switches are controlled by power-up sequence logic to provide the proper power rails, sequencing, and
protection—including DDR3 and DDR4 memory power. The three regulators (BUCK1–BUCK3) support
dynamic voltage scaling (DVS) for maximum efficiency—including support for Connected Standby. The
high-frequency VRs use small inductors and capacitors to achieve a small solution size. An I2C interface
allows simple control by an embedded controller (EC) or by a system on chip (SoC). The PMIC comes in
an 8-mm × 8-mm single-row QFN package with a thermal pad for good thermal dissipation and ease of
board routing.
Use the following email address to request the full version of this data sheet: ipgmkt@list.ti.com.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS650842
RSK (64)
8.00 mm × 8.00 mm
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS650842A0RSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650830 TI1-TPS650830 Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJR TI1-TPS650830ZAJR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZAJT TI1-TPS650830ZAJT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGR TI1-TPS650830ZCGR Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
TPS650830ZCGT TI1-TPS650830ZCGT Datasheet
2Mb / 157P
[Old version datasheet]   Simple and Flexible Wide Input Voltage PMU for Mobile Computers
More results

Similar Description - TPS650842A0RSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094 TI1-TPS65094 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288 Datasheet
418Kb / 3P
   Highly integrated PMIC customized for Intel SoC
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Advantech Co., Ltd.
DPX-S435 ADVANTECH-DPX-S435 Datasheet
1Mb / 2P
   4th Generation Intel Core Gaming platform
logo
A-Data Technology
AX3U2400GC4G10-DG2 A-DATA-AX3U2400GC4G10-DG2 Datasheet
138Kb / 1P
   Designed for 3rd Generation Intel Core Processors and Z77 platform
logo
List of Unclassifed Man...
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
logo
Advantech Co., Ltd.
EPC-U2117 ADVANTECH-EPC-U2117 Datasheet
594Kb / 2P
   Intel Atom Platform Palm Size Fanless system
7-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com