Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13491-31 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY13491-31
Description  0.7 to 2.7 GHz SP14T MIPI Antenna Switch Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13491-31 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY13491-31 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13491-31 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DATA SHEET • SKY13491-31: SP14T ANTENNA SWITCH WITH MIPI INTERFACE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
October 22, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203750A
Table 5. IMD2 Test Conditions
Band
Transmit
Frequency
(MHz)
Transmit Power
(dBm)
Frequency Blocker,
Low
(MHz)
Frequency Blocker,
High
(MHz)
Power Blocker
(dBm)
Receive Frequency
(MHz)
1
1950.0
+20
190
4090
–15
2140.0
2
1880.0
80
3840
1960.0
4
1732.0
400
3864
2132.0
5
836.5
45
1718
881.5
7
2535.0
120
5187
2655.0
8
897.0
45
1839
942.0
Table 6. IMD3 Test Conditions
Band
Transmit Frequency
(MHz)
Transmit Power
(dBm)
Frequency Blocker
(MHz)
Power Blocker
(dBm)
Receive Frequency
(MHz)
1
1950.0
+20
1760.0
–15
2140.0
2
1880.0
1800.0
1960.0
4
1732.0
1332.0
2132.0
5
836.5
791.5
881.5
7
2535.0
2415.0
2655.0
8
897.0
852.0
942.0
Table 7. Triple Beat Ratio Test Conditions
Band
Transmit
Frequency 1
(MHz)
Transmit Power 1
(dBm)
Transmit
Frequency 2
(MHz)
Transmit Power 2
(dBm)
Frequency
Blocker @ ANT
(MHz)
Power
Blocker
(dBm)
TBR Product
Frequency
(MHz)
2
1880.0
+21.5
1881.0
+21.5
1960.0
–30
1960.0 ± 1
5
836.5
837.5
881.5
881.5 ± 1


Similar Part No. - SKY13491-31

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13492-21 SKYWORKS-SKY13492-21 Datasheet
880Kb / 23P
   0.7 to 2.7 GHz SP16T MIPI Antenna Switch Module
SKY13498-21 SKYWORKS-SKY13498-21 Datasheet
786Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
More results

Similar Description - SKY13491-31

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13498-21 SKYWORKS-SKY13498-21 Datasheet
786Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13492-21 SKYWORKS-SKY13492-21 Datasheet
880Kb / 23P
   0.7 to 2.7 GHz SP16T MIPI Antenna Switch Module
SKYA21052 SKYWORKS-SKYA21052 Datasheet
749Kb / 21P
   0.7 to 2.7 GHz SP12T MIPI Antenna Switch Module
SKY19237-001 SKYWORKS-SKY19237-001 Datasheet
175Kb / 2P
   0.7 to 2.7 GHz Triple SPST (3xSPST) Shunt MIPI Switch in a WLCSP Package
SKY13535-11 SKYWORKS-SKY13535-11 Datasheet
203Kb / 2P
   0.7 to 3.0 GHz DP21T (SP12T/SP9T) MIPI Main Antenna Switch for Carrier Aggregation
SKYA21054 SKYWORKS-SKYA21054 Datasheet
681Kb / 18P
   Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch
SKY13630-11 SKYWORKS-SKY13630-11 Datasheet
188Kb / 2P
   0.7 to 3.8 GHz DPDT Switch Module
logo
Infineon Technologies A...
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
   Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
logo
Skyworks Solutions Inc.
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com