Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13551-668LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY13551-668LF
Description  0.4 to 3.8 GHz DP10T (SP5T/SP5T) Main/Receive Diversity Switch with MIPI RFFE Interface for Carrier Aggregation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13551-668LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SKY13551-668LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13551-668LF Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DATA SHEET • SKY13551-668LF: MAIN/RECEIVE DIVERSITY SWITCH FOR CARRIER AGGREGATION
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
January 22, 2016 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 203267D
Signal Generator
fFUND = 1950 MHz,
+20 dBm
Spectrum Analyzer
fRX = 2140 MHz
Signal Generator
fBLK = 1760 MHz,
–15 dBm
Coupler to Monitor
Input Power
Circulator
fBLK
1760 MHz,
–15 dBm
fFUND
1950 MHz,
+20 dBm
fRX
2140 MHz,
Measure Tone
1950 MHz
Bandpass Filter
1760 MHz
Bandpass Filter
Duplexer
Phase Shifter
Skyworks Switch
fFUND = +20 dBm
fBLK = –15 dBm
203267D-003
Circulator
Figure 3. Typical Third Order Intermodulation Test Setup
Table 7. Command Sequence Bit Definitions
Type
SSC
C11-C8
C7
C6-C5
C4
C3-C0
Parity
Bits
BPC
Extended Operation
DA7(1)-
DA0(1)
Parity
Bits
BPC
DA7(n)-
DA0(n)
Parity
Bits
BPC
Reg_0
Write,
Short
Command
Y
SA[3:0]
1b
Data[6:5]
Data[4]
Data{3:0]
Y
Y
Reg_0
Write,
Long
Command
Y
SA[3:0]
0
10b
Addr[4]
Addr[3:0]
Y
Data[7:0]
Y
Y
Reg_1
Write
Y
SA[3:0]
0
10b
Addr[4]
Addr[3:0]
Y
Data[7:0]
Y
Y
Reg
Read
Y
SA[3:0]
0
11b
Addr[4]
Addr[3:0]
Y
Y
Data[7:0]
Y
Y
Legend:
SSC = Sequence start command
DA = Data/address frame bits
BC = Byte count (# of consecutive addresses)
C = Command frame bits
BPC = Bus park cycle


Similar Part No. - SKY13551-668LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13550-667LF SKYWORKS-SKY13550-667LF Datasheet
704Kb / 16P
   0.4 to 3.8 GHz DP8T (SP4T/SP4T) Main/Receive Diversity Switch with MIPI RFFE Interface for Carrier Aggregation
More results

Similar Description - SKY13551-668LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13550-667LF SKYWORKS-SKY13550-667LF Datasheet
704Kb / 16P
   0.4 to 3.8 GHz DP8T (SP4T/SP4T) Main/Receive Diversity Switch with MIPI RFFE Interface for Carrier Aggregation
logo
Infineon Technologies A...
BGS15M2A12 INFINEON-BGS15M2A12 Datasheet
1Mb / 17P
   SP5T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.0 - 2016-02-22
BGSX210MA18 INFINEON-BGSX210MA18 Datasheet
742Kb / 17P
   DP10T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
logo
Skyworks Solutions Inc.
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
SKY13525-646LF SKYWORKS-SKY13525-646LF Datasheet
686Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
logo
Infineon Technologies A...
BGS15GA14 INFINEON-BGS15GA14 Datasheet
731Kb / 13P
   SP5T Diversity Antenna Switch with GPIO Interface
Revision 3.0 - 2016-02-11
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Skyworks Solutions Inc.
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
   0.1 to 3.8 GHz SP5T Antenna Switch
logo
Will Semiconductor Ltd.
WS7804QM WILLSEMI-WS7804QM Datasheet
556Kb / 12P
   0.1GHz??GHz SP4T Diversity Antenna Switch with MIPI RFFE Interface
WS7806QM WILLSEMI-WS7806QM Datasheet
564Kb / 12P
   0.1GHz??GHz SP6T Diversity Antenna Switch with MIPI RFFE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com