Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIM1714BB6MC7D5C00 Datasheet(PDF) 9 Page - Vicor Corporation

Part # AIM1714BB6MC7D5C00
Description  Universal AC Input Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

AIM1714BB6MC7D5C00 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button AIM1714BB6MC7D5C00 Datasheet HTML 5Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 6Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 7Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 8Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 9Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 10Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 11Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 12Page - Vicor Corporation AIM1714BB6MC7D5C00 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AIM™ in a VIA Package
Rev 1.0
vicorpower.com
Page 9 of 14
12/2015
800 927.9474
AIM1714xB6MC7D5yzz
Environmental Qualification
Testing Activity
Reference Standard
Test Details
High Temperature Operating Bias/Life
(HTOB/HTOL)
JESD22-A108D
1000 hrs. Nominal Full Load at Max operating temperature
Temperature Cycling Test (TCT)
IPC-9592B
125˚C to -40˚C, 700 cycles
Temperature Humidity Bias (THB)
JESD22-A101C
1000 hrs. Nominal Input voltage, Minimal load 85˚C,
85% RH
High Temperature Storage (HTS)
JESD22-A103D
1000 hrs. 125˚C
Low Temperature Storage (LTS)
JESD22–A119
1000 hrs. -65˚C
Random Vibration
MIL-STD-810G
Method 514.6, Procedure I, Category 24, 20-2000 Hz,
@7.7 Grms, 1hour /axis for 3 axis. Product mounted on an
evaluation board, nominal line 50% load.
Mechanical Shock
MIL-STD-810G
Method 516.5, Procedure I, Functional shock 40 G, total of
18 shocks. Product mounted on an evaluation board,
nominal Line 50% load.
Highly Accelerated Life Test (HALT)
Internal Vicor Procedure - DP-0265
Low and high temperature tests, rapid thermal cycling,
random vibration testing, combined stress testing and
destruct testing.
Res. Solvents
MIL-STD-202G
Method 215 K, 3 minutes exposure
ESD Human Body Model
JEDEC JS-001-2012
Class 1C (HBM) Minimum
ESD Charged Device Model
JESD22-C101E
Class II (CDM) Minimum


Similar Part No. - AIM1714BB6MC7D5C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
AIM1714BB6MC7D5C00 VICOR-AIM1714BB6MC7D5C00 Datasheet
305Kb / 14P
   Universal AC Input Module
More results

Similar Description - AIM1714BB6MC7D5C00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ_17 Datasheet
305Kb / 14P
   Universal AC Input Module
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
   Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
   Universal AC Input
logo
Emerson Network Power
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
   Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
   Universal AC input
logo
Lite-On Technology Corp...
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
   Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
   Universal AC Input
logo
Emerson Network Power
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
   Universal AC input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com