Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3EA-44D-2R Datasheet(PDF) 7 Page - Hirose Electric

Part # A3EA-44D-2R
Description  2mm Pitch Miniature Connector for HDD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A3EA-44D-2R Datasheet(HTML) 7 Page - Hirose Electric

  A3EA-44D-2R Datasheet HTML 1Page - Hirose Electric A3EA-44D-2R Datasheet HTML 2Page - Hirose Electric A3EA-44D-2R Datasheet HTML 3Page - Hirose Electric A3EA-44D-2R Datasheet HTML 4Page - Hirose Electric A3EA-44D-2R Datasheet HTML 5Page - Hirose Electric A3EA-44D-2R Datasheet HTML 6Page - Hirose Electric A3EA-44D-2R Datasheet HTML 7Page - Hirose Electric A3EA-44D-2R Datasheet HTML 8Page - Hirose Electric A3EA-44D-2R Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
C32
MA18 Series
The MA18 series is a 2mm pitch FFC socket connector developed for miniature HDD and main port connection. 44 contacts
are provided for AT bus connection.
sOrdering Information
sVariation in Number of Contacts
MA18A - 44 D A - 2 DSE
Part Number
---------
588-0252-3
588-0246-0
588-0247-3
588-0255-1
588-0253-6
588-0251-0
588-0291-5
CL No.
Remarks
MA18A-32DA-2DSE
MA18A-44DA-2DSC
MA18A-44DA-2DSE
MA18A-44DA-2DSA
MA18A-44DA-2DSB
MA18A-44DA-2DSC
MA18A-44DA-2DSE
MA18M-44DA-2DSB
With extraction tab
With extraction tab
With extraction tab
No extraction tab
No extraction tab
No extraction tab
No extraction tab
High profile mount type
Remark 1. The extraction tab is used to remove a cable nut in the
engagement state.
2. 32 contacts = 0.76µ and 40 contacts = 0.2µ in the
plating thickness.
w
qe
r
t
y
q Series Name : MA18A
w Number of contacts : 32, 44
e Contact alignment : D : Double row
r Contact plating type
A : Selective gold plated
t Contact pitch : 2mm
y Contact type (Straight type)
DSA : Dip length 3mm
DSB : Dip length 2.5mm
DSC : Dip length 2mm
DSE : Dip length 1.2mm


Similar Part No. - A3EA-44D-2R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3EA-44D-2R HIROSE-A3EA-44D-2R Datasheet
221Kb / 9P
   2mm Pitch Miniature Connector for HDD
More results

Similar Description - A3EA-44D-2R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A3E HIROSE-A3E Datasheet
221Kb / 9P
   2mm Pitch Miniature Connector for HDD
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com