Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3B-28PA-2DSA Datasheet(PDF) 2 Page - Hirose Electric

Part # A3B-28PA-2DSA
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A3B-28PA-2DSA Datasheet(HTML) 2 Page - Hirose Electric

  A3B-28PA-2DSA Datasheet HTML 1Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 2Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 3Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 4Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 5Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 6Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 7Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 8Page - Hirose Electric A3B-28PA-2DSA Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
C11
Series Name: A
Series No.: 3B : double row
4B : single row
3C : double row (low profile product)
Number of contacts: Double row...4, 6, 8, 10, 12, 14, 16, 18, 20, 22, 24, 26, 28, 30,
32, 44, 40, 50 (44 and 50 contacts correspond to the right angle
type only. Straight angle type corresponds to the A3C type.)
Single row... 2, 3, 4, 5, 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16
P, PA: Pin header
Contact pitch : 2mm
Contact type
DS : Right angle type
DSA : Straight type
1
2
3
4
5
6
A 3B - 44 D - 2 C
1
2
3
4
5
6
Series Name: A
Series No.: 3 : double row
3C : double row
3D : double row (for FFC, FFC) (Note)
Number of contacts: 3 : 44, 50
3C, 3D : 4, 6, 8, 10, 12, 14, 16, 18, 20, 24, 28, 32, 50
DA: Receptacle
Contact pitch : 2mm
Contact type
DS: Right angle type
DSA: Straight type (lead length: 3mm)
DSC: Straight type (lead length: 2mm)
DSE: Straight type (lead length: 1.27mm)
1
2
3
4
5
6
Series Name: A
Series No.: 3B : double row
4B : single row
Number of contacts: Double row...4, 6, 8, 10, 12, 14, 18, 20, 24, 26, 28, 44
Single row... 2, 3, 4, 5, 6, 7, 8, 9, 10, 12, 15, 16, 18
Contact alignment: D
: double row
S
: single row
Contact pitch : 2mm
Connection type: C
: crimping
1
2
3
4
5
6
sOrdering Information
q Pin Header (DIP type)
q Receptacle (DIP type)
q Crimping Socket
A 3B - 12 P - 2 DS
1
2
3
4
5
6
A 3 - 44 D - 2 DS
1
2
4
5
6
3


Similar Part No. - A3B-28PA-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3B-28PA-2DSA ETC2-A3B-28PA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-28PA-2DSA HIROSE-A3B-28PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3B-28PA-2DSA(71) ETC2-A3B-28PA-2DSA(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-28PA-2DSA(71) HIROSE-A3B-28PA-2DSA(71) Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-28PA-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com