Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR7E-12DB-3.96E Datasheet(PDF) 3 Page - Hirose Electric

Part # CR7E-12DB-3.96E
Description  3.96mm and 4mm Pitch Card Edge Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CR7E-12DB-3.96E Datasheet(HTML) 3 Page - Hirose Electric

  CR7E-12DB-3.96E Datasheet HTML 1Page - Hirose Electric CR7E-12DB-3.96E Datasheet HTML 2Page - Hirose Electric CR7E-12DB-3.96E Datasheet HTML 3Page - Hirose Electric CR7E-12DB-3.96E Datasheet HTML 4Page - Hirose Electric CR7E-12DB-3.96E Datasheet HTML 5Page - Hirose Electric CR7E-12DB-3.96E Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A9
s3.96mm Pitch Type
C
Part Number
CL No.
B
D
E
A
Number of Contacts
12
20
30
36
44
56
47
110.2
133.7
38.9
102.4
126
30.7
95
118.1
28
91.4
115
19.8
63
54.8
47.3
43.8
35.64
82.5
74.6
67.2
63.6
55.44
94.4
86.5
79
75.5
67.32
83.16
106.92
72
166
158
150
146.8
138.68
80
182
174
166
162.7
154.44
F
9
9
9
9
9
11.1
11.1
11.1
G
29.7
46.3
66.2
79
94
117.1
149
165
CR7E-12DB-3.96E
CR7E-12DB-3.96DS
CR7E-20DB-3.96E
CR7E-20DB-3.96DS
CR7E-30DB-3.96E
CR7E-30DB-3.96DS
CR7E-36DB-3.96E
CR7E-36DB-3.96DS
CR7E-44DB-3.96E
CR7E-44DB-3.96DS
CR7E-56DB-3.96E
CR7E-56DB-3.96DS
CR7E-72DB-3.96E
CR7E-72DB-3.96DS
CR7E-80DB-3.96E
CR7E-80DB-3.96DS
507-0102-6
507-0115-8
507-0103-9
507-0116-0
507-0104-1
507-0117-3
507-0105-4
507-0118-6
507-0106-7
507-0119-9
507-0107-0
507-0120-8
507-0108-2
507-0121-0
507-0109-5
507-0122-3
Unit: mm
*


Similar Part No. - CR7E-12DB-3.96E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CR70U-010 CENTRAL-CR70U-010 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-015 CENTRAL-CR70U-015 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-020 CENTRAL-CR70U-020 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-040 CENTRAL-CR70U-040 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
CR70U-060 CENTRAL-CR70U-060 Datasheet
335Kb / 2P
   70 AMP ULTRA FAST RECOVERY SILICON RECTIFIER 100 THRU 800 VOLTS
More results

Similar Description - CR7E-12DB-3.96E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR23-6SA-4DS HIROSE-CR23-6SA-4DS Datasheet
163Kb / 5P
   4mm Pitch Single Side Card Edge Connector
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Hirose Electric
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
logo
Maxim Integrated Produc...
MAX8819B MAXIM-MAX8819B Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
2009
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX8819 MAXIM-MAX8819 Datasheet
485Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
MAX8819A MAXIM-MAX8819A Datasheet
452Kb / 29P
   PMIC with Integrated Chargers and Smart Power Selector in a 4mm x 4mm TQFN
Rev 1; 4/09
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198 Datasheet
216Kb / 15P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com