Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3B-12PA-2DS Datasheet(PDF) 6 Page - Hirose Electric

Part # A3B-12PA-2DS
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A3B-12PA-2DS Datasheet(HTML) 6 Page - Hirose Electric

Back Button A3B-12PA-2DS Datasheet HTML 2Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 3Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 4Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 5Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 6Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 7Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 8Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 9Page - Hirose Electric A3B-12PA-2DS Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
C15
sPin Header
BPCB mounting pattern
Note: Please order the product per 100 pcs.
Unit: mm
Part Number
A3C-02P-2DSA
A3C-04P-2DSA
A3C-06P-2DSA
A3C-08P-2DSA
A3C-10P-2DSA
A3C-12P-2DSA
A3C-14P-2DSA
A3C-16P-2DSA
A3C-18P-2DSA
A3C-20P-2DSA
A3C-22P-2DSA
A3C-24P-2DSA
A3C-26P-2DSA
A3C-28P-2DSA
A3C-32P-2DSA
A3C-44P-2DSA
A3C-48P-2DSA
A3C-50P-2DSA
CL No.
621-0601-0
621-0602-3
621-0603-6
621-0604-9
621-0605-1
621-0606-4
621-0607-7
621-0608-0
621-0609-2
621-0610-1
621-0611-4
621-0612-7
621-0613-0
621-0614-2
621-0615-5
621-0622-0
621-0625-9
621-0628-7
Number of Contacts
A
B
2
4
6
8
10
12
14
16
18
20
22
24
26
28
32
44
48
50
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
32.0
44.0
48.0
50.0
----
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
30.0
42.0
46.0
48.0


Similar Part No. - A3B-12PA-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3B-12PA-2DS ETC2-A3B-12PA-2DS Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12PA-2DS HIROSE-A3B-12PA-2DS Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3B-12PA-2DS(71) ETC2-A3B-12PA-2DS(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3B-12PA-2DSA ETC2-A3B-12PA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12PA-2DSA HIROSE-A3B-12PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A3B-12PA-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com