Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR23-10SB-4E Datasheet(PDF) 5 Page - Hirose Electric

Part # CR23-10SB-4E
Description  4mm Pitch Single Side Card Edge Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CR23-10SB-4E Datasheet(HTML) 5 Page - Hirose Electric

  CR23-10SB-4E Datasheet HTML 1Page - Hirose Electric CR23-10SB-4E Datasheet HTML 2Page - Hirose Electric CR23-10SB-4E Datasheet HTML 3Page - Hirose Electric CR23-10SB-4E Datasheet HTML 4Page - Hirose Electric CR23-10SB-4E Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A6
BPCB mounting pattern
BContact No. Alignment List
Number of
Size
Contacts
6
10
14
18
22
A
B
37
20
53
36
67
52
84
68
101
84
Note 1: If alphabetic symbols are utilized, following 8 alphabetic characters are not used.
G, I, O, Q, g, i, o, q
Note 2: The above pattern is viewed from the Contact (connection) side.
Number of
Size
Contacts
6
10
14
18
22
A
B
20
25.3
36
41.3
52
57.3
68
73.3
84
89.3
sPolarizing Key
CL No.
Part Number
Material
Finish
507-0055-8
564-0052-4
CR7C-GPIN
HIF5B-GPIN
Polyacetal
PBT
White
Beige
Note: Using the polarizing key prevents mis-insertion in the printed board.
To use the polarizing key, insert the polarizing key so as to hit the
mold bottom.
CR7C-GPIN
HIF5B-GPIN
BPCB Dimensions


Similar Part No. - CR23-10SB-4E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR2300SA LITTELFUSE-CR2300SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2300SA ETC1-CR2300SA Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2300SB LITTELFUSE-CR2300SB Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2300SB ETC1-CR2300SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2300SC LITTELFUSE-CR2300SC Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
More results

Similar Description - CR23-10SB-4E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR7E-12DB-3.96E HIROSE-CR7E-12DB-3.96E Datasheet
177Kb / 6P
   3.96mm and 4mm Pitch Card Edge Connector
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Bi technologies
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
logo
Amphenol Sine Systems C...
PL000727 ASS-PL000727 Datasheet
193Kb / 1P
   4MM, MALE RECPT, PANEL SIDE CONTACT HOUSING, PRM SERIES™
Rev. A1
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198 Datasheet
216Kb / 15P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com