Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1-40PA-2.54DSA Datasheet(PDF) 5 Page - Hirose Electric

Part # A1-40PA-2.54DSA
Description  2.54mm Pitch High Density Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

A1-40PA-2.54DSA Datasheet(HTML) 5 Page - Hirose Electric

  A1-40PA-2.54DSA Datasheet HTML 1Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 2Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 3Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 4Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 5Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 6Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 7Page - Hirose Electric A1-40PA-2.54DSA Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
C6
s A2 (Single Row)-DIP Type
Part Number
A2-01PA-2.54DSA
A2-02PA-2.54DSA
A2-03PA-2.54DSA
A2-04PA-2.54DSA
A2-05PA-2.54DSA
A2-06PA-2.54DSA
A2-07PA-2.54DSA
A2-08PA-2.54DSA
A2-09PA-2.54DSA
A2-10PA-2.54DSA
A2-11PA-2.54DSA
A2-12PA-2.54DSA
A2-13PA-2.54DSA
A2-14PA-2.54DSA
A2-15PA-2.54DSA
A2-16PA-2.54DSA
A2-17PA-2.54DSA
A2-18PA-2.54DSA
A2-19PA-2.54DSA
A2-20PA-2.54DSA
CL No.
620-0051-5
620-0052-8
620-0053-0
620-0054-3
620-0055-6
620-0056-9
620-0057-1
620-0058-4
620-0059-7
620-0060-6
620-0061-9
620-0062-1
620-0063-4
620-0064-7
620-0065-0
620-0066-2
620-0067-5
620-0068-8
620-0069-0
620-0070-0
Number of Contacts
A
B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
02.24
04.78
07.32
09.86
12.40
14.94
17.48
20.02
22.56
25.10
27.64
30.18
32.72
35.26
37.80
40.34
42.88
45.42
47.96
50.50
02.54
05.08
07.62
10.16
12.70
15.24
17.78
20.30
22.86
25.40
27.94
30.48
33.02
35.56
38.10
40.64
43.18
45.72
48.26
K Straight type
Part Number
A2-01PA-2.54DS
A2-02PA-2.54DS
A2-03PA-2.54DS
A2-04PA-2.54DS
A2-05PA-2.54DS
A2-06PA-2.54DS
A2-07PA-2.54DS
A2-08PA-2.54DS
A2-09PA-2.54DS
A2-10PA-2.54DS
A2-11PA-2.54DS
A2-12PA-2.54DS
A2-13PA-2.54DS
A2-14PA-2.54DS
A2-15PA-2.54DS
A2-16PA-2.54DS
A2-17PA-2.54DS
A2-18PA-2.54DS
A2-19PA-2.54DS
A2-20PA-2.54DS
CL No.
620-0001-7
620-0002-0
620-0003-2
620-0004-5
620-0005-8
620-0006-0
620-0007-3
620-0008-6
620-0009-9
620-0010-8
620-0011-0
620-0012-3
620-0013-6
620-0014-9
620-0015-1
620-0016-4
620-0017-7
620-0018-0
620-0019-2
620-0020-1
Number of Contacts
A
B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
02.24
04.78
07.32
09.86
12.40
14.94
17.48
20.02
22.56
25.10
27.64
30.18
32.72
35.26
37.80
40.34
42.88
45.42
47.96
50.50
02.54
05.08
07.62
10.16
12.70
15.24
17.78
20.30
22.86
25.40
27.94
30.48
33.02
35.56
38.10
40.64
43.18
45.72
48.26
K Right angle type
K Straight type
K Right angle type
Unit: mm
Unit: mm


Similar Part No. - A1-40PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-40PA-2.54DSA HIROSE-A1-40PA-2.54DSA Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
More results

Similar Description - A1-40PA-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A1-6PA-2.54DS HIROSE-A1-6PA-2.54DS_17 Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
   HIGH-DENSITY I/O CONNECTOR
logo
Adam Technologies, Inc.
HMCA-B-184-G-SMT ADAM-TECH-HMCA-B-184-G-SMT Datasheet
109Kb / 1P
   HIGH DENSITY CARD EDGE CONNECTOR
logo
DDK Ltd.
17AE DDK-17AE Datasheet
273Kb / 7P
   High Density D-Subminiature Connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Hirose Electric
FH16-60S-0.3SHW HIROSE-FH16-60S-0.3SHW Datasheet
321Kb / 8P
   High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Molex Electronics Ltd.
30968-1129 MOLEX11-30968-1129 Datasheet
41Kb / 1P
   2.54mm Pitch, 0.64mm Width HDAC 64 High Density Automotive Crimp Housing,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com