Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1700A003U1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1700A003U1000
Description  24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1700A003U1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1700A003U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1700A003U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1700A003U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1700A003U1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For more Information
please call
1-800-Belden1
Description:
24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation, Rip Cord, See
Color Code Chart (Below), PVC Jacket (Red, Orange, White, Black, Yellow, Green, Blue, Purple, Light
Gray or Gray).
Usage (Overall)
Suitable Applications:
Premise Horizontal Cable, Gigabit Ethernet, 100BaseTX, 100BaseVG
ANYLAN, 155ATM, 622ATM, NTSC/PAL Component or Composite Video,
AES/EBU, Digital Video, RS-422, Noisy Environments ^ US Patent #'s
5606151; 5734126, CMR, Riser
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
4
24
Solid
BC - Bare Copper
Insulation
Insulation Material:
Insulation Material
PO - Polyolefin
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Outer Jacket Diameter:
Nom. Dia. (mm)
5.131
Outer Jacket Ripcord:
Yes
Overall Cabling
Overall Nominal Diameter:
5.131 mm
Pair
Pair Color Code Chart:
Number Color
1
White/Blue Stripe & Blue
2
White/Orange Stripe & Orange
3
White/Green Stripe & Green
4
White/Brown Stripe & Brown
Mechanical Characteristics (Overall)
Bulk Cable Weight:
31.252 Kg/Km
Max. Recommended Pulling Tension:
177.928 N
Page 1 of 4
06-08-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1700A Multi-Conductor - Enhanced Category 5E Bonded-Pair Cable


Similar Part No. - 1700A003U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1700A003U1000 BELDEN-1700A003U1000 Datasheet
179Kb / 3P
   Category 5E Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
More results

Similar Description - 1700A003U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11700A ETC2-11700A Datasheet
35Kb / 5P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
   24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
7989R ETC2-7989R Datasheet
90Kb / 3P
   Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
1348370 ETC2-1348370 Datasheet
107Kb / 4P
   24 AWG solid bare copper conductors, non-plenum, Polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
   22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
   24 AWG Bonded-Pairs solid bare copper conductors
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com