Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10061 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10061
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10061 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC10061 Datasheet HTML 2Page - National Semiconductor (TI) ADC10061 Datasheet HTML 3Page - National Semiconductor (TI) ADC10061 Datasheet HTML 4Page - National Semiconductor (TI) ADC10061 Datasheet HTML 5Page - National Semiconductor (TI) ADC10061 Datasheet HTML 6Page - National Semiconductor (TI) ADC10061 Datasheet HTML 7Page - National Semiconductor (TI) ADC10061 Datasheet HTML 8Page - National Semiconductor (TI) ADC10061 Datasheet HTML 9Page - National Semiconductor (TI) ADC10061 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AC Electrical Characteristics (Continued)
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: Accuracy may degrade if tSH is shorter than the value specified. See curves of Accuracy vs tSH.
Typical Performance Characteristics
Zero (Offset) Error
vs Reference Voltage
DS011020-16
Linearity Error
vs Reference Voltage
DS011020-17
Analog Supply Current
vs Temperature
DS011020-18
Digital Supply Current
vs Temperature
DS011020-19
Conversion Time
vs Temperature
DS011020-20
Conversion Time
vs Temperature
DS011020-21
Conversion Time
vs Speed-Up Resistor
(ADC10062 and ADC10064 Only)
DS011020-22
Conversion Time
vs Speed-Up Resistor
(ADC10062 and ADC10064 Only)
DS011020-23
Spectral Response
with100 kHz Sine
Wave Input
DS011020-24
www.national.com
6


Similar Part No. - ADC10061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
National Semiconductor ...
ADC10061CIWM NSC-ADC10061CIWM Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC10061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com