Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0166TR-3000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0166TR-3000
Description  GaAs SPDT Switch DC - 3.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0166TR-3000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0166TR-3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0166TR-3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0166TR-3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0166TR-3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V2
MASWSS0166
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Insertion Loss: 0.3 dB @ 900 MHz
 Low Current Consumption: <15 µA @ +2.5 V
 Positive or Negative 2.5 to 8 V Control
 Lead-Free SOT-363 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of SW-437
Description
M/A-COM’s MASWSS0166 is a GaAs monolithic
switch in a lead-free SOT-363 surface mount plastic
package. The MASWSS0166 is ideally suited for
applications where very low power consumption, low
insertion loss, very small size and low cost are re-
quired.
Typical applications are dual band systems that re-
quire switching between small signal components
such as filter banks, single band LNA’s and convert-
ers. The MASWSS0166 can be used in applications
up to 0.25 Watts in systems such as cellular, PCS,
DCS1800, GSM, CDMA, W-CDMA and other ana-
log/digital wireless communications systems.
The MASWSS0166 is fabricated using a mature 0.5
micron GaAs PHEMT process. The process fea-
tures full passivation for increased performance and
reliability.
Pin Configuration
Pin No.
Function
Description
1
RF1
RF in/out
2
GND
RF Ground
3
RF2
RF in/out
4
V2
V Control 2
5
RFC
RF Common
6
V1
V Control 1
Ordering Information 3
3. Reference Application Note M513 for reel size information.
Part Number
Package
MASWSS0166
Bulk Packaging
MASWSS0166TR-3000
3000 piece reel
MASWSS0166SMB
Sample Test Board
Parameter
Absolute Maximum
Input Power (0.5-3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 1,2
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Functional Schematic:
Positive Control Voltage
Functional Schematic:
Negative Control Voltage
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0166TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0166TR-3000 MACOM-MASWSS0166TR-3000 Datasheet
178Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0166TR-3000 MA-COM-MASWSS0166TR-3000 Datasheet
79Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - MASWSS0166TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
   GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
Tyco Electronics
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
   GaAs SPDT Switch DC. 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com