Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0178 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0178
Description  SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0178 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0178_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0178_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPDT High Isolation Terminated Switch
0.01 - 3.0 GHz
Rev. V4
MASWSS0178
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Return Loss
Insertion Loss
Isolation
10
15
20
25
30
0.5
1.0
1.5
2.0
2.5
3.0
Frequency(GHz)
INPUT RETURN LOSS ("ON" STATE)
OUTPUT RETURN LOSS ("OFF" STATE)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F requency (GH z)
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F requency (GH z)
Lead-Free MSOP-8-EP
† Reference Application Note M538 for lead-free solder reflow
recommendations
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.


Similar Part No. - MASWSS0178_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178SMB MACOM-MASWSS0178SMB Datasheet
99Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178SMB MA-COM-MASWSS0178SMB Datasheet
84Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178SMB MA-COM-MASWSS0178SMB Datasheet
192Kb / 4P
   SPDT High Isolation Terminated Switch
logo
Tyco Electronics
MASWSS0178TR-3000 MACOM-MASWSS0178TR-3000 Datasheet
99Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178TR-3000 MA-COM-MASWSS0178TR-3000 Datasheet
84Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
More results

Similar Description - MASWSS0178_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0178 MACOM-MASWSS0178 Datasheet
99Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0178 MA-COM-MASWSS0178 Datasheet
192Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0024 MA-COM-MASWSS0024 Datasheet
70Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASWSS0178 MA-COM-MASWSS0178 Datasheet
84Kb / 4P
   SPDT High Isolation Terminated Switch 0.01 - 3.0 GHz
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
   SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
   SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com