Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08831IMM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08831IMM
Description  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08831IMM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC08831IMM Datasheet HTML 1Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 2Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 3Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 4Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 5Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 6Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 7Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 8Page - National Semiconductor (TI) ADC08831IMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Dynamic Characteristics
The following specifications apply for V
CC = 5V, fCLK = 2MHz, TA= 25˚C, RSOURCE = 50Ω,fIN = 45kHz, VIN = 5VP,VREF = 5V,
non-coherent 2048 samples with windowing.
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
S
Sampling Rate
ADC08831
ADC08832
f
CLK/11
f
CLK/13 (Note 21)
181
153
ksps
ksps
SNR
Signal-to -Noise Ratio (Note 19)
48.5
dB
THD
Total Harmonic Distortion (Note 20)
−59.5
dB
SINAD
Signal-to -Noise and Distortion
48.0
dB
ENOB
Effective Number Of Bits (Note 18)
7.7
Bits
SFDR
Spurious Free Dynamic Range
62.5
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional. These ratings do not guarantee specific performance limits. For guaranteed speci-
fications and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance character-
istics may degrade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND = 0VDC, unless otherwise specified.
Note 4: When the input voltage VIN at any pin exceeds the power supplies (VIN < (GND) or VIN > VCC,) the current at that pin should be limited to 5 mA. The 20
mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four pins.
Note 5: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD = (TJMAX −TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
Note 6: Human body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor. The machine mode is a 200pF capacitor discharged directly into each pin.
Note 7: See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or Linear Data Book section “Surface Mount” for other methods of soldering
surface mount devices.
Note 8: Typicals are at TJ = 25˚C and represent the most likely parametric norm.
Note 9: Guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 10: Total Unadjusted Error (TUE) includes offset, full-scale, linearity, multiplexer errors.
Note 11: It is not tested for the ADC08832.
Note 12: For VIN(−) ≥ VIN(+) the digital code will be 0000 0000. Two on-chip diodes are tied to each analog input (see Functional Block Diagram) which will
forward-conduct for analog input voltages one diode drop below ground or one diode drop greater than VCC supply. During testing at low VCC levels (e.g., 4.5V), high
level analog inputs (e.g., 5V) can cause an input diode to conduct, especially at elevated temperatures, which will cause errors for analog inputs near full-scale. The
spec allows 50 mV forward bias of either diode; this means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code
will be correct. Exceeding this range on an unselected channel will corrupt the reading of a selected channel. Achievement of an absolute 0 VDC to5VDC input voltage
range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations, initial tolerance and loading.
Note 13: Channel leakage current is measured after a single-ended channel is selected and the clock is turned off. For off channel leakage current the following two
cases are considered: one, with the selected channel tied high (5 VDC) and the remaining off channel tied low (0 VDC), total current flow through the off channel is
measured; two, with the selected channel tied low and the off channels tied high, total current flow through the off channel is again measured. The two cases con-
sidered for determining on channel leakage current are the same except total current flow through the selected channel is measured.
Note 14: A40% to 60% duty cycle range insures proper operation at all clock frequencies. In the case that an available clock has a duty cycle outside of these limits
the minimum time the clock is high or low must be at least 250 ns. The maximum time the clock can be high or low is 60 µs.
Note 15: Since data, MSB first, is the output of the comparator used in the successive approximation loop, an additional delay is built in to allow for comparator re-
sponse time.
Note 16: For the ADC08832 Vref is internally tied to VCC, therefore, for the ADC08832 reference current is included in the supply current.
Note 17: Analog inputs are typically 300 ohms input resistance to a 13pF sample and hold capacitor.
Note 18: Effective Number Of Bits (ENOB) is calculated from the measured signal-to-noise plus distortion ratio (SINAD) using the equation ENOB = (SINAD-1.76)/
6.02.
Note 19: The signal-to-noise ratio is the ratio of the signal amplitude to the background noise level. Harmonics of the input signal are not included in it’s calculation.
Note 20: The contributions from the first 6 harmonics are used in the calculation of the THD.
Note 21: The maximum sampling rate is slightly less than fCLK/11 if CS is reset in less than one clock period.
www.national.com
5


Similar Part No. - ADC08831IMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08831IM TI1-ADC08831IM Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IM/NOPB TI1-ADC08831IM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IMX/NOPB TI1-ADC08831IMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results

Similar Description - ADC08831IMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
logo
National Semiconductor ...
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
   ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com