Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2G02 Datasheet(PDF) 11 Page - Texas Instruments

Part # 66AK2G02
Description  Multicore DSPARM KeyStone II System-on-Chip
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2G02 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 66AK2G02 Datasheet HTML 7Page - Texas Instruments 66AK2G02 Datasheet HTML 8Page - Texas Instruments 66AK2G02 Datasheet HTML 9Page - Texas Instruments 66AK2G02 Datasheet HTML 10Page - Texas Instruments 66AK2G02 Datasheet HTML 11Page - Texas Instruments 66AK2G02 Datasheet HTML 12Page - Texas Instruments 66AK2G02 Datasheet HTML 13Page - Texas Instruments 66AK2G02 Datasheet HTML 14Page - Texas Instruments 66AK2G02 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 240 page
background image
Copyright © 2015–2016, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: 66AK2G02
11
66AK2G02
www.ti.com
SPRS932B – DECEMBER 2015 – REVISED APRIL 2016
Table 4-1. Pin Attributes
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
STATE [7]
BALL
RESET
REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
C17
AUDOSC_IN
AUDOSC_IN
0
I
0
1.8 V
DVDD18
Analog
A17
AUDOSC_OUT
AUDOSC_OUT
0
O
0
1.8 V
DVDD18
Analog
N6
AVDDA_ARMPLL
AVDDA_ARMPLL
PWR
W20
AVDDA_DDRPLL
AVDDA_DDRPLL
PWR
N20
AVDDA_DSSPLL
AVDDA_DSSPLL
PWR
G8
AVDDA_ICSSPLL
AVDDA_ICSSPLL
PWR
M19
AVDDA_MAINPLL
AVDDA_MAINPLL
PWR
G14
AVDDA_NSSPLL
AVDDA_NSSPLL
PWR
G10
AVDDA_UARTPLL
AVDDA_UARTPLL
PWR
Y3
BOOTCOMPLETE
BOOTCOMPLETE
0
OZ
PD
PD
0
3.3 V
DVDD33
Yes
LVCMOS
PU/PD
L21
CPTS_REFCLK_N
CPTS_REFCLK_N
0
I
0
1.8 V
DVDD18
LVDS
K21
CPTS_REFCLK_P
CPTS_REFCLK_P
0
I
0
1.8 V
DVDD18
LVDS
J10, J14, J16, K11,
K13, K15, K17, K9,
L10, L12, L14, L16,
L18, M11, M13,
M15, M17, M9, N10,
N12, N14, N16,
P11, P13, P15, P17,
P9, R10, R12, R14,
R16, R18, R8, T11,
T15, T17, T9, U16
CVDD
CVDD
PWR
J12, M5, N18, N8,
T13
CVDD1
CVDD1
PWR
R5
DCAN0_RX
DCAN0_RX
0
I
PU
PU
3
3.3 V
DVDD33
Yes
LVCMOS
PU/PD
0
GPIO1_57
3
IOZ
0
P5
DCAN0_TX
DCAN0_TX
0
OZ
PU
PU
3
3.3 V
DVDD33
Yes
LVCMOS
PU/PD
0
GPIO1_56
3
IOZ
0
AC13
DDR3_CASn
DDR3_CASn
0
OZ
OFF
DRIVE 1
(OFF)
0
1.5 V
DVDD_DDR
SSTL
Y11
DDR3_CBDQM
DDR3_CBDQM
0
IOZ
OFF
OFF
0
1.5 V
DVDD_DDR
SSTL
AD12
DDR3_CBDQS_N
DDR3_CBDQS_N
0
IOZ
OFF
OFF
0
1.5 V
DVDD_DDR
SSTL
AE12
DDR3_CBDQS_P
DDR3_CBDQS_P
0
IOZ
OFF
OFF
0
1.5 V
DVDD_DDR
SSTL
AE13
DDR3_RASn
DDR3_RASn
0
OZ
OFF
DRIVE 1
(OFF)
0
1.5 V
DVDD_DDR
SSTL
Y18
DDR3_RESETn
DDR3_RESETn
0
OZ
OFF
DRIVE 0
(OFF)
0
1.5 V
DVDD_DDR
SSTL
Y9
DDR3_VREFSSTL
DDR3_VREFSSTL
0
A
0
0.75 V
n/a
SSTL
POWER
PAD
Y13
DDR3_WEn
DDR3_WEn
0
OZ
OFF
DRIVE 1
(OFF)
0
1.5 V
DVDD_DDR
SSTL


Similar Part No. - 66AK2G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2G02 TI1-66AK2G02 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2G02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCI6630K2L TI1-TCI6630K2L Datasheet
1Mb / 298P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
TCI6638K2K TI1-TCI6638K2K Datasheet
2Mb / 335P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com