Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3874BCYE80 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM3874BCYE80
Description  Sitara ARM Processors
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3874BCYE80 Datasheet(HTML) 1 Page - Texas Instruments

  AM3874BCYE80 Datasheet HTML 1Page - Texas Instruments AM3874BCYE80 Datasheet HTML 2Page - Texas Instruments AM3874BCYE80 Datasheet HTML 3Page - Texas Instruments AM3874BCYE80 Datasheet HTML 4Page - Texas Instruments AM3874BCYE80 Datasheet HTML 5Page - Texas Instruments AM3874BCYE80 Datasheet HTML 6Page - Texas Instruments AM3874BCYE80 Datasheet HTML 7Page - Texas Instruments AM3874BCYE80 Datasheet HTML 8Page - Texas Instruments AM3874BCYE80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 358 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AM3874, AM3871
SPRS695D – SEPTEMBER 2011 – REVISED JANUARY 2016
AM387x Sitara™ARM® Processors
1
High-Performance System-on-Chip (SoC)
1.1
Features
1
– Composite or S-Video Analog Output
• High-Performance Sitara™ ARM® Processors
– Macrovision® Support Available
• ARM Cortex®-A8 Core
– Digital HDMI 1.3 Transmitter With Integrated
– ARMv7 Architecture
PHY
In-Order, Dual-Issue, Superscalar Processor
– Advanced Video Processing Features Such as
Core
Scan, Format, Rate Conversion
Neon™ Multimedia Architecture
– Three Graphics Layers and Compositors
Supports Integer and Floating Point
• Dual 32-Bit DDR2/DDR3 SDRAM Interfaces
Jazelle® RCT Execution Environment
– Supports up to DDR2-800 and DDR3-1066
• ARM Cortex-A8 Memory Architecture
– Up to Eight x 8 Devices Comprise 2GB of the
– 32KB of Instruction and Data Caches
Total Address Space
– 512KB of L2 Cache
– Dynamic Memory Manager (DMM)
– 64KB of RAM, 48KB of Boot ROM
Programmable Multizone Memory Mapping
• 128KB of On-Chip Memory Controller (OCMC)
and Interleaving
RAM
Enables Efficient 2D Block Accesses
• Imaging Subsystem (ISS)
Supports Tiled Objects in 0°, 90°, 180°, or
– Camera Sensor Connection
270° Orientation and Mirroring
Parallel Connection for Raw (up to 16-Bit)
Optimizes Interlaced Accesses
and BT.656 or BT.1120 (8- and 16-Bit)
• General-Purpose Memory Controller (GPMC)
– Image Sensor Interface (ISIF) for Handling
– 8- or 16-Bit Multiplexed Address and Data Bus
Image and Video Data From the Camera
– 512MB of Address Space Divided Among up to
Sensor
8 Chip Selects
– Resizer
– Glueless Interface to NOR Flash, NAND Flash
Resizing Image and Video From 1/16x to 8x
(BCH/Hamming Error Code Detection), SRAM
Generating Two Different Resizing Outputs
and Pseudo-SRAM
Concurrently
– Error Locator Module (ELM) Outside of GPMC
• Media Controller
to Provide up to 16-Bit or 512-Byte Hardware
– Controls the HDVPSS and ISS
ECC for NAND
• SGX530 3D Graphics Engine
– Flexible Asynchronous Protocol Control for
– Delivers up to 25 MPoly/sec
Interface to FPGA, CPLD, ASICs, and so Forth
– Universal Scalable Shader Engine (USSE™)
• Enhanced Direct Memory Access (EDMA)
– Direct3D™ Mobile, OpenGLES 1.1 and 2.0,
Controller
OpenVG™ 1.0, OpenMax™ API Support
– Four Transfer Controllers
– Advanced Geometry DMA-Driven Operation
– 64 Independent DMA Channels and 8
– Programmable HQ Image Anti-Aliasing
Independent QDMA Channels
• Endianness
• Dual-Port Ethernet (10/100/1000 Mbps) With
Optional Switch
– ARM Instructions and Data – Little Endian
– IEEE 802.3 Compliant (3.3-V I/O Only)
• HD Video Processing Subsystem (HDVPSS)
– MII/RMII/GMII/RGMII Media Independent
– Two 165-MHz, 2-channel HD Video Capture
Interfaces
Modules
– Management Data I/O (MDIO) Module
One 16- or 24-Bit Input or Dual 8-Bit SD
Input Channels
– Reset Isolation
One 8-, 16-, or 24-Bit Input and One 8-Bit
– IEEE 1588 Time-Stamping and Industrial
Only Input Channels
Ethernet Protocols
– Two 165-MHz HD Video Display Outputs
• Dual USB 2.0 Ports With Integrated PHYs
One 16-, 24-, or 30-Bit Output and One 16-
– USB2.0 High- and Full-Speed Clients
or 24-Bit Output
– USB2.0 High-, Full-, and Low-Speed Hosts, or
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AM3874BCYE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3874BCYE80 TI1-AM3874BCYE80 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
More results

Similar Description - AM3874BCYE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com