Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3894CCYG135 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894CCYG135
Description  Sitara ARM Microprocessors
Download  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3894CCYG135 Datasheet(HTML) 3 Page - Texas Instruments

  AM3894CCYG135 Datasheet HTML 1Page - Texas Instruments AM3894CCYG135 Datasheet HTML 2Page - Texas Instruments AM3894CCYG135 Datasheet HTML 3Page - Texas Instruments AM3894CCYG135 Datasheet HTML 4Page - Texas Instruments AM3894CCYG135 Datasheet HTML 5Page - Texas Instruments AM3894CCYG135 Datasheet HTML 6Page - Texas Instruments AM3894CCYG135 Datasheet HTML 7Page - Texas Instruments AM3894CCYG135 Datasheet HTML 8Page - Texas Instruments AM3894CCYG135 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 313 page
background image
AM3894
AM3892
www.ti.com
SPRS681G – OCTOBER 2010 – REVISED MARCH 2015
1.2
Applications
Single-Board Computing
Human Machine Interface
Network and Communications Processing
Interactive Point-of-Service Kiosks
Industrial Automation
1.3
Description
The AM389x Sitara ARM processors are a highly integrated, programmable platform that leverages TI's
Sitara technology to meet the processing needs of the following applications: single-board computing,
network and communications processing, industrial automation, human machine interface, and interactive
point-of-service kiosks.
The device enables original-equipment manufacturers (OEMs) and original-design manufacturers (ODMs)
to quickly bring to market devices featuring robust operating systems support, rich user interfaces, and
high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device combines high-performance ARM processing with a highly integrated peripheral set.
The ARM Cortex-A8 32-bit RISC processor with NEON floating-point extension includes: 32KB of
instruction cache; 32KB of data cache; 256KB of L2 cache; and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each peripheral, see the related sections in this document and the
associated peripheral reference guides. The peripheral set includes: HD video processing subsystem
(HDVPSS), which provides output of simultaneous HD and SD analog video and dual HD video inputs; up
to two Gigabit Ethernet MACs (10 Mbps,100, Mbps, 1000 Mbps) with GMII and MDIO interface; two USB
ports with integrated 2.0 PHY; PCIe port x2 lanes GEN2 compliant interface, which allows the device to
act as a PCIe root complex or device endpoint; one 6-channel McASP audio serial port (with DIT mode);
two dual-channel McASP audio serial ports (with DIT mode); one McBSP multichannel buffered serial port;
three UARTs with IrDA and CIR support; SPI serial interface; SD and SDIO serial interface; two I2C
master and slave interfaces; up to 64 GPIO pins; seven 32-bit timers; system watchdog timer; dual DDR2
and DDR3 SDRAM interface; flexible 8-bit and 16-bit asynchronous memory interface; and up to two
SATA interfaces for external storage on two disk drives or more with the use of a port multiplier.
The device also includes an SGX530 3D graphics engine (available only on the AM3894 device) to off-
load many video and imaging processing tasks from the core. Additionally, the device has a complete set
of development tools for the ARM, including C compilers and a Microsoft® Windows® debugger interface
for visibility into source code execution.
The device package has been specially engineered with Via Channel technology. This technology allows
use of 0.8-mm pitch PCB feature sizes in this 0.65-mm pitch package, and substantially reduces PCB
costs. Via Channel technology also allows PCB routing in only two signal layers due to the increased layer
efficiency of the Via Channel BGA technology.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
AM3894CYG
FCBGA (1031)
25.0 mm x 25.0 mm
AM3892CYG
FCBGA (1031)
25.0 mm x 25.0 mm
Copyright © 2010–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: AM3894 AM3892


Similar Part No. - AM3894CCYG135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3894CCYG135 TI-AM3894CCYG135 Datasheet
1Mb / 308P
[Old version datasheet]   AM389x Sitara ARM Processors
More results

Similar Description - AM3894CCYG135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com