Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP-L132 Datasheet(PDF) 2 Page - Texas Instruments

Part # OMAP-L132
Description  DSP ARM Processor
Download  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP-L132 Datasheet(HTML) 2 Page - Texas Instruments

  OMAP-L132_14 Datasheet HTML 1Page - Texas Instruments OMAP-L132_14 Datasheet HTML 2Page - Texas Instruments OMAP-L132_14 Datasheet HTML 3Page - Texas Instruments OMAP-L132_14 Datasheet HTML 4Page - Texas Instruments OMAP-L132_14 Datasheet HTML 5Page - Texas Instruments OMAP-L132_14 Datasheet HTML 6Page - Texas Instruments OMAP-L132_14 Datasheet HTML 7Page - Texas Instruments OMAP-L132_14 Datasheet HTML 8Page - Texas Instruments OMAP-L132_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 232 page
background image
OMAP-L132
SPRS762D – AUGUST 2011 – REVISED MARCH 2014
www.ti.com
• Two Multimedia Card (MMC)/Secure Digital (SD)
– Supports TDM, I2S, and Similar Formats
Card Interfaces with Secure Data I/O (SDIO)
– AC97 Audio Codec Interface
Interfaces
– Telecom Interfaces (ST-Bus, H100)
• Two Master and Slave Inter-Integrated Circuits
– 128-Channel TDM
( I2C Bus™)
– FIFO Buffers for Transmit and Receive
• Programmable Real-Time Unit Subsystem
• 10/100 Mbps Ethernet MAC (EMAC):
(PRUSS)
– IEEE 802.3 Compliant
– Two Independent Programmable Real-Time Unit
– MII Media-Independent Interface
(PRU) Cores
– RMII Reduced Media-Independent Interface
32-Bit Load-Store RISC Architecture
– Management Data I/O (MDIO) Module
4KB of Instruction RAM Per Core
• Real-Time Clock (RTC) with 32-kHz Oscillator and
512 Bytes of Data RAM Per Core
Separate Power Rail
PRUSS can be Disabled via Software to
• Three 64-Bit General-Purpose Timers (Each
Save Power
Configurable as Two 32-Bit Timers)
Register 30 of Each PRU is Exported From
• One 64-Bit General-Purpose or Watchdog Timer
the Subsystem in Addition to the Normal R31
(Configurable as Two 32-Bit General-Purpose
Output of the PRU Cores.
Timers)
– Standard Power-Management Mechanism
• Two Enhanced High-Resolution Pulse Width
Clock Gating
Modulators (eHRPWMs):
Entire Subsystem Under a Single PSC Clock
– Dedicated 16-Bit Time-Base Counter with
Gating Domain
Period and Frequency Control
– Dedicated Interrupt Controller
– 6 Single-Edge Outputs, 6 Dual-Edge Symmetric
– Dedicated Switched Central Resource
Outputs, or 3 Dual-Edge Asymmetric Outputs
• USB 2.0 OTG Port with Integrated PHY (USB0)
– Dead-Band Generation
– USB 2.0 High- and Full-Speed Client
– PWM Chopping by High-Frequency Carrier
– USB 2.0 High-, Full-, and Low-Speed Host
– Trip Zone Input
– End Point 0 (Control)
• Three 32-Bit Enhanced Capture (eCAP) Modules:
– End Points 1,2,3,4 (Control, Bulk, Interrupt, or
– Configurable as 3 Capture Inputs or 3 Auxiliary
ISOC) RX and TX
Pulse Width Modulator (APWM) Outputs
• One Multichannel Audio Serial Port (McASP):
– Single-Shot Capture of up to Four Event Time-
– Two Clock Zones and 16 Serial Data Pins
Stamps
– Supports TDM, I2S, and Similar Formats
• Packages:
– DIT-Capable
– 361-Ball Pb-Free PBGA [ZWT Suffix],
0.80-mm Ball Pitch
– FIFO Buffers for Transmit and Receive
• Commercial or Extended Temperature
• Two Multichannel Buffered Serial Ports (McBSPs):
2
OMAP-L132 C6000 DSP+ARM Processor
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP-L132


Similar Part No. - OMAP-L132_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
More results

Similar Description - OMAP-L132_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAPL138B-EP TI-OMAPL138B-EP_15 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAP-L138 TI1-OMAP-L138_16 Datasheet
1Mb / 286P
[Old version datasheet]   OMAP-L138 C6000 DSP ARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP_16 Datasheet
1Mb / 284P
[Old version datasheet]   OMAPL138B C6-Integra DSP ARM Processor
OMAPL138B-EP TI1-OMAPL138B-EP Datasheet
1Mb / 282P
[Old version datasheet]   OMAPL138B C6-Integra DSPARM Processor
OMAP-L132 TI1-OMAP-L132 Datasheet
1Mb / 227P
[Old version datasheet]   OMAP-L132 C6-Integra DSPARM Processor
OMAP-L138 TI1-OMAP-L138_11 Datasheet
1Mb / 287P
[Old version datasheet]   OMAP-L138 C6-Integra DSPARM Processor
MAY2011
TMS320C6A8167 TI-TMS320C6A8167 Datasheet
1Mb / 280P
[Old version datasheet]   TMS320C6A816x Integra DSPARM Processors
logo
List of Unclassifed Man...
SAM5504B ETC1-SAM5504B Datasheet
947Kb / 51P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5716B ETC1-SAM5716B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com