Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5545AZQW10 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C5545AZQW10
Description  Fixed-Point Digital Signal Processor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5545AZQW10 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C5545AZQW10 Datasheet HTML 4Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 5Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 6Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 7Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 8Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 9Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 10Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 11Page - Texas Instruments TMS320C5545AZQW10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
8
TMS320C5545
SPRS853C – JULY 2013 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C5545
Device Comparison
Copyright © 2013–2016, Texas Instruments Incorporated
Table 3-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
TMS320C5545A
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Product Status(1)
Product Preview (PP),
Advance Information (AI),
or Production Data (PD)
PD
3.2
Related Products
For information about other devices in this family of products or related products, see the following links.
Digital Signal Processor DSPs bring computing performance, real-time processing, and power efficiency
to diverse applications ranging from sensors to servers. Our product range spans high-
performance real-time needs, to power-efficient processors with industry-leading lowest
active power needs. Choose one of our scalable solutions below.
C5000™ Ultra Low Power DSP The C5000 ultra-low-power DSP platform includes a broad portfolio of
the industry's lowest power 16-bit DSPs with performance up to 300MHz (600 MIPS). Ideal
for portable devices in audio, voice and vision, and other applications requiring analytics with
ultra-low power.


Similar Part No. - TMS320C5545AZQW10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5502 TI-TMS320C5502 Datasheet
135Kb / 3P
[Old version datasheet]   TMS320C5502/C5509A eZdsp??Development Tools
TMS320C5502ZAVR300 TI1-TMS320C5502ZAVR300 Datasheet
1Mb / 195P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504AZCH10 TI-TMS320C5504AZCH10 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5545AZQW10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com