Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3352BZCZA30 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AM3352BZCZA30
Description  Sitara Processors
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3352BZCZA30 Datasheet(HTML) 2 Page - Texas Instruments

  AM3352BZCZA30 Datasheet HTML 1Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 2Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 3Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 4Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 5Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 6Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 7Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 8Page - Texas Instruments AM3352BZCZA30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 253 page
background image
2
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device Overview
Copyright © 2011–2016, Texas Instruments Incorporated
Five ADPLLs to Generate System Clocks
(MPU Subsystem, DDR Interface, USB and
Peripherals [MMC and SD, UART, SPI, I2C],
L3, L4, Ethernet, GFX [SGX530], LCD Pixel
Clock)
– Power
Two Nonswitchable Power Domains (Real-
Time Clock [RTC], Wake-Up Logic
[WAKEUP])
Three Switchable Power Domains (MPU
Subsystem [MPU], SGX530 [GFX],
Peripherals and Infrastructure [PER])
Implements SmartReflex™ Class 2B for
Core Voltage Scaling Based On Die
Temperature, Process Variation, and
Performance (Adaptive Voltage Scaling
[AVS])
Dynamic Voltage Frequency Scaling (DVFS)
• Real-Time Clock (RTC)
– Real-Time Date (Day-Month-Year-Day of Week)
and Time (Hours-Minutes-Seconds) Information
– Internal 32.768-kHz Oscillator, RTC Logic and
1.1-V Internal LDO
– Independent Power-on-Reset
(RTC_PWRONRSTn) Input
– Dedicated Input Pin (EXT_WAKEUP) for
External Wake Events
– Programmable Alarm Can be Used to Generate
Internal Interrupts to the PRCM (for Wakeup) or
Cortex-A8 (for Event Notification)
– Programmable Alarm Can be Used With
External Output (PMIC_POWER_EN) to Enable
the Power Management IC to Restore Non-RTC
Power Domains
• Peripherals
– Up to Two USB 2.0 High-Speed OTG Ports
With Integrated PHY
– Up to Two Industrial Gigabit Ethernet MACs (10,
100, 1000 Mbps)
Integrated Switch
Each MAC Supports MII, RMII, RGMII, and
MDIO Interfaces
Ethernet MACs and Switch Can Operate
Independent of Other Functions
IEEE 1588v2 Precision Time Protocol (PTP)
– Up to Two Controller-Area Network (CAN) Ports
Supports CAN Version 2 Parts A and B
– Up to Two Multichannel Audio Serial Ports
(McASPs)
Transmit and Receive Clocks up to 50 MHz
Up to Four Serial Data Pins per McASP Port
With Independent TX and RX Clocks
Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats
Supports Digital Audio Interface
Transmission (SPDIF, IEC60958-1, and
AES-3 Formats)
FIFO Buffers for Transmit and Receive (256
Bytes)
– Up to Six UARTs
All UARTs Support IrDA and CIR Modes
All UARTs Support RTS and CTS Flow
Control
UART1 Supports Full Modem Control
– Up to Two Master and Slave McSPI Serial
Interfaces
Up to Two Chip Selects
Up to 48 MHz
– Up to Three MMC, SD, SDIO Ports
1-, 4- and 8-Bit MMC, SD, SDIO Modes
MMCSD0 has Dedicated Power Rail for
1.8
‑V or 3.3-V Operation
Up to 48-MHz Data Transfer Rate
Supports Card Detect and Write Protect
Complies With MMC4.3, SD, SDIO 2.0
Specifications
– Up to Three I2C Master and Slave Interfaces
Standard Mode (up to 100 kHz)
Fast Mode (up to 400 kHz)
– Up to Four Banks of General-Purpose I/O
(GPIO) Pins
32 GPIO Pins per Bank (Multiplexed With
Other Functional Pins)
GPIO Pins Can be Used as Interrupt Inputs
(up to Two Interrupt Inputs per Bank)
– Up to Three External DMA Event Inputs that can
Also be Used as Interrupt Inputs
– Eight 32-Bit General-Purpose Timers
DMTIMER1 is a 1-ms Timer Used for
Operating System (OS) Ticks
DMTIMER4–DMTIMER7 are Pinned Out
– One Watchdog Timer
– SGX530 3D Graphics Engine
Tile-Based Architecture Delivering up to 20
Million Polygons per Second
Universal Scalable Shader Engine (USSE) is
a Multithreaded Engine Incorporating Pixel
and Vertex Shader Functionality
Advanced Shader Feature Set in Excess of
Microsoft VS3.0, PS3.0, and OGL2.0
Industry Standard API Support of Direct3D
Mobile, OGL-ES 1.1 and 2.0, OpenVG 1.0,
and OpenMax
Fine-Grained Task Switching, Load
Balancing, and Power Management
Advanced Geometry DMA-Driven Operation
for Minimum CPU Interaction


Similar Part No. - AM3352BZCZA30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM3352BZCZA30 TI1-AM3352BZCZA30 Datasheet
3Mb / 252P
[Old version datasheet]   Sitara Processors
More results

Similar Description - AM3352BZCZA30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com