Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6655CZH Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6655CZH
Description  Fixed and Floating-Point Digital Signal Processor
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6655CZH Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6655CZH Datasheet HTML 6Page - Texas Instruments TMS320C6655CZH Datasheet HTML 7Page - Texas Instruments TMS320C6655CZH Datasheet HTML 8Page - Texas Instruments TMS320C6655CZH Datasheet HTML 9Page - Texas Instruments TMS320C6655CZH Datasheet HTML 10Page - Texas Instruments TMS320C6655CZH Datasheet HTML 11Page - Texas Instruments TMS320C6655CZH Datasheet HTML 12Page - Texas Instruments TMS320C6655CZH Datasheet HTML 13Page - Texas Instruments TMS320C6655CZH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 245 page
background image
TMS320C6655, TMS320C6657
SPRS814B – MARCH 2012 – REVISED APRIL 2015
www.ti.com
3.3
Memory Map Summary
Table 3-2 shows the memory map address ranges of the C665x device.
Table 3-2. Memory Map Summary
PHYSICAL 36-BIT
LOGICAL 32-BIT ADDRESS
ADDRESS
START
END
START
END
BYTES
DESCRIPTION
00000000
007FFFFF
0 00000000
0 007FFFFF
8M
Reserved
00800000
008FFFFF
0 00800000
0 008FFFFF
1M
Local L2 SRAM
00900000
00DFFFFF
0 00900000
0 00DFFFFF
5M
Reserved
00E00000
00E07FFF
0 00E00000
0 00E07FFF
32K
Local L1P SRAM
00E08000
00EFFFFF
0 00E08000
0 00EFFFFF
1M-32K
Reserved
00F00000
00F07FFF
0 00F00000
0 00F07FFF
32K
Local L1D SRAM
00F08000
017FFFFF
0 00F08000
0 017FFFFF
9M-32K
Reserved
01800000
01BFFFFF
0 01800000
0 01BFFFFF
4M
C66x CorePac Registers
01C00000
01CFFFFF
0 01C00000
0 01CFFFFF
1M
Reserved
01D00000
01D0007F
0 01D00000
0 01D0007F
128
Tracer_MSMC_0
01D00080
01D07FFF
0 01D00080
0 01D07FFF
32K-128
Reserved
01D08000
01D0807F
0 01D08000
0 01D0807F
128
Tracer_MSMC_1
01D08080
01D0FFFF
0 01D08080
0 01D0FFFF
32K-128
Reserved
01D10000
01D1007F
0 01D10000
0 01D1007F
128
Tracer_MSMC_2
01D10080
01D17FFF
0 01D10080
0 01D17FFF
32K-128
Reserved
01D18000
01D1807F
0 01D18000
0 01D1807F
128
Tracer_MSMC_3
01D18080
01D1FFFF
0 01D18080
0 01D1FFFF
32K-128
Reserved
01D20000
01D2007F
0 01D20000
0 01D2007F
128
Tracer_QM_DMA
01D20080
01D27FFF
0 01D20080
0 01D27FFF
32K-128
Reserved
01D28000
01D2807F
0 01D28000
0 01D2807F
128
Tracer_DDR
01D28080
01D2FFFF
0 01D28080
0 01D2FFFF
32K-128
Reserved
01D30000
01D3007F
0 01D30000
0 01D3007F
128
Tracer_SM
01D30080
01D37FFF
0 01D30080
0 01D37FFF
32K-128
Reserved
01D38000
01D3807F
0 01D38000
0 01D3807F
128
Tracer_QM_CFG
01D38080
01D3FFFF
0 01D38080
0 01D3FFFF
32K-128
Reserved
01D40000
01D4007F
0 01D40000
0 01D4007F
128
Tracer_CFG
01D40080
01D47FFF
0 01D40080
0 01D47FFF
32K-128
Reserved
01D48000
01D4807F
0 01D48000
0 01D4807F
128
Tracer_L2_0
01D48080
01D4FFFF
0 01D48080
0 01D4FFFF
32K-128
Reserved
01D50000
01D5007F
0 01D50000
0 01D5007F
128
Tracer_L2_1(C6657) or Reserved (C6655)
01D50080
01D57FFF
0 01D50080
0 01D57FFF
32K-128
Reserved
01D58000
01D5807F
0 01D58000
0 01D5807F
128
Tracer_TNet_6P_A
01D58080
021B3FFF
0 01D58080
0 021B3FFF
4464K -128
Reserved
021B4000
021B47FF
0 021B4000
0 021B47FF
2K
McBSP0 Registers
021B4800
021B5FFF
0 021B4800
0 021B5FFF
6K
Reserved
021B6000
021B67FF
0 021B6000
0 021B67FF
2K
McBSP0 FIFO Registers
021B6800
021B7FFF
0 021B6800
0 021B7FFF
6K
Reserved
021B8000
021B87FF
0 021B8000
0 021B87FF
2K
McBSP1 Registers
021B8800
021B9FFF
0 021B8800
0 021B9FFF
6K
Reserved
021BA000
021BA7FF
0 021BA000
0 021BA7FF
2K
McBSP1 FIFO Registers
021BA800
021BFFFF
0 021BA800
0 021BFFFF
22K
Reserved
021C0000
021C03FF
0 021C0000
0 021C03FF
1K
TCP3d Registers
10
Device Overview
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - TMS320C6655CZH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6655CZH TI1-TMS320C6655CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655CZH25 TI1-TMS320C6655CZH25 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655CZHA TI1-TMS320C6655CZHA Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6655CZHA25 TI1-TMS320C6655CZHA25 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6655CZH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com