Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5545AZQWA06 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C5545AZQWA06
Description  Fixed-Point Digital Signal Processor
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5545AZQWA06 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C5545AZQWA06 Datasheet HTML 6Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 7Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 8Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 9Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 10Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 11Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 12Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 13Page - Texas Instruments TMS320C5545AZQWA06 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
10
TMS320C5545
SPRS853C – JULY 2013 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C5545
Terminal Configuration and Functions
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, BH = Bus-holder
(2)
Input pins of type I, I/O, and I/O/Z are required to be driven at all times. To achieve the lowest power, these pins must not be allowed to
float. When configured as input or high-impedance state, and not driven to a known state, they may cause an excessive I/O-supply
current. If this is the case, enable IPD and IPU, if applicable, or externally terminate the pins.
(3)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup and pulldown resistors and situations where
external pullup and pulldown resistors are required, see Section 6.8.1, Pullup and Pulldown Resistors.
(4)
Specifies the operating I/O supply voltage for each signal
4.2
Terminal Functions
For proper device operation, external pullup and pulldown resistors may be required on some pins.
Section 6.8.1, Pullup and Pulldown Resistors, discusses situations where external pullup and pulldown
resistors are required.
4.2.1
Oscillator and PLL Terminal Functions
Table 4-1 identifies the external signal names, the associated pin (ball) numbers along with the
mechanical package designator, the pin type, whether the pin has any internal pullup or pulldown resistors
or bus-holders, and a functional pin description. For more detailed information on device configuration,
peripheral selection, multiplexed and shared pins, and debugging considerations, see Section 6, Device
Configuration.
Table 4-1. Oscillator and PLL Terminal Functions
SIGNAL
TYPE
(1) (2)
OTHER(3) (4)
DESCRIPTION
NAME
NO.
CLKOUT
C12
O/Z
DVDDIO
BH
DSP clock output signal. For debug purposes only, the CLKOUT pin can be used
to tap different clocks within the system clock generator. The SRC bits in the
CLKOUT Control Source Register (CCSSR) can be used to specify the source of
the CLKOUT pin. Additionally, the slew rate of the CLKOUT pin can be controlled
by the Output Slew Rate Control Register (OSRCR) [1C16h].
The CLKOUT pin is enabled and disabled through the CLKOFF bit in the CPU
ST3_55 register. When disabled, the CLKOUT pin is placed in high-impedance
(Hi-Z). At reset the CLKOUT pin is enabled until the beginning of the boot
sequence, when the on-chip bootloader sets CLKOFF = 1 and the CLKOUT pin is
disabled (Hi-Z). For more information on the ST3_55 register, see the
TMS320C55x 3.0 CPU Reference Guide (SWPU073).
Note: This pin may consume static power if configured as Hi-Z and not externally
pulled low or high. Prevent current drain by externally terminating the pin.
CLKIN
E12
I
DVDDIO
BH
Input clock. This signal is used to input an external clock when the 32-kHz on-chip
oscillator is not used as the DSP clock (pin CLK_SEL = 1). For boot purposes, the
CLKIN frequency is assumed to be either 11.2896, 12, or 12.288 MHz.
The CLK_SEL pin (D12) selects between the 32-kHz crystal clock or CLKIN.
When the CLK_SEL pin is low, this pin must be tied to ground (VSS). When
CLK_SEL is high, this pin must be driven by an external clock source.
If CLK_SEL is high, this pin is used as the reference clock for the clock generator.
During bootup, the bootloader bypasses the PLL and assumes the CLKIN
frequency is one of the following frequencies: 11.2896, 12, or 12.288 MHz. In
addition, the bootloader sets the SPI clock rate at 500 kHz and the I2C clock rate
at 400 kHz .
CLK_SEL
D12
I
DVDDIO
BH
Clock input select. This pin selects between the 32-kHz crystal clock or CLKIN.
0 = 32-kHz on-chip oscillator drives the RTC timer and the system clock generator
while CLKIN is ignored.
1 = CLKIN drives the system clock generator and the 32-kHz on-chip oscillator
drives only the RTC timer.
This pin is not allowed to change during device operation; it must be tied high or
low at the board.
VDDA_PLL
E10
PWR
See Section 5.3,
Recommended
Operating
Conditions
1.3-V analog PLL power supply for the system clock generator (PLLOUT
≤ 100
MHz).
This signal can be powered from the ANA_LDOO pin.


Similar Part No. - TMS320C5545AZQWA06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5502 TI-TMS320C5502 Datasheet
135Kb / 3P
[Old version datasheet]   TMS320C5502/C5509A eZdsp??Development Tools
TMS320C5502ZAVR300 TI1-TMS320C5502ZAVR300 Datasheet
1Mb / 195P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504 TI-TMS320C5504 Datasheet
719Kb / 143P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
TMS320C5504AZCH10 TI-TMS320C5504AZCH10 Datasheet
976Kb / 128P
[Old version datasheet]   TMS320C5504 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C5545AZQWA06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com