Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6048422 Datasheet(PDF) 2 Page - SICK AG

Part # 6048422
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6048422 Datasheet(HTML) 2 Page - SICK AG

  6048422 Datasheet HTML 1Page - SICK AG 6048422 Datasheet HTML 2Page - SICK AG 6048422 Datasheet HTML 3Page - SICK AG 6048422 Datasheet HTML 4Page - SICK AG 6048422 Datasheet HTML 5Page - SICK AG 6048422 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UM18-218165101 | UM18
ULTRASONIC SENSORS
Ordering information
Type
Part no.
UM18-218165101
6048422
Other models and accessories
www.sick.com/UM18
Detailed technical data
Performance
Working range, limiting range
120 mm ... 1,000 mm, 1,300 mm
Resolution
0.2 mm
Repeatability
± 0.15 % 1)
Accuracy
0.17 % / K 1)
Response time
80 ms
Switching frequency
10 Hz
Output time
20 ms
Ultrasonic frequency (typical)
200 kHz
Detection area (typical)
See diagrams
Additional function
Set switching mode: Distance to object (DtO) / Window (Wnd) / Object between sensor and
background (ObSB), teach-in of switching output, invertible switching output, reset to factory
default
1) Referring to current measurement value.
Interfaces
Switching output
1 x NPN (200 mA) 1)
Hysteresis
20 mm
1) NPN: HIGH ≤ 2 V / LOW = VS.
Mechanics/electronics
Supply voltage Vs
DC 10 V ... 30 V 1)
Power consumption
≤ 1.2 W 2)
Initialization time
< 300 ms
Design
Cylindrical
Housing material
PBT
Ultrasonic transducer: polyurethane foam, glass epoxy resin
Connection type
Male connector, M12, 4-pin
Indication
2 x LED
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) Without load.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - 6048422

ManufacturerPart #DatasheetDescription
logo
SICK AG
6048420 SICK-6048420 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
6048421 SICK-6048421 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
6048423 SICK-6048423 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
6048425 SICK-6048425 Datasheet
849Kb / 7P
   PRESSURE SENSORS
More results

Similar Description - 6048422

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com