Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6657CZH8 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6657CZH8
Description  Fixed and Floating-Point Digital Signal Processor
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6657CZH8 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C6657CZH8 Datasheet HTML 4Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 5Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 6Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 7Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 8Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 9Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 10Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 11Page - Texas Instruments TMS320C6657CZH8 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 245 page
background image
TMS320C6655, TMS320C6657
SPRS814B – MARCH 2012 – REVISED APRIL 2015
www.ti.com
The .L and .S units can now support up to 64-bit operands. This allows for new versions of many of the
arithmetic, logical, and data packing instructions to allow for more parallel operations per cycle. Additional
instructions were added yielding performance enhancements of the floating point addition and subtraction
instructions, including the ability to perform one double precision addition or subtraction per cycle.
Conversion to/from integer and single-precision values can now be done on both .L and .S units on the
C66x. Also, by taking advantage of the larger operands, instructions were also added to double the
number of these conversions that can be done. The .L unit also has additional instructions for logical AND
and OR instructions, as well as, 90 degree or 270 degree rotation of complex numbers (up to two per
cycle). Instructions have also been added that allow for the computing the conjugate of a complex
number.
The MFENCE instruction is a new instruction introduced on the C66x DSP. This instruction will create a
DSP stall until the completion of all the DSP-triggered memory transactions, including:
Cache line fills
Writes from L1D to L2 or from the CorePac to MSMC and/or other system endpoints
Victim write backs
Block or global coherence operations
Cache mode changes
Outstanding XMC prefetch requests
This is useful as a simple mechanism for programs to wait for these requests to reach their endpoint. It
also provides ordering guarantees for writes arriving at a single endpoint via multiple paths, multiprocessor
algorithms that depend on ordering, and manual coherence operations.
For more details on the C66x DSP and its enhancements over the C64x+ and C674x architectures, see
the following documents:
C66x CPU and Instruction Set Reference Guide (SPRUGH7).
C66x DSP Cache User's Guide (SPRUGY8).
C66x CorePac User's Guide (SPRUGW0).
Figure 3-1 shows the DSP core functional units and data paths.
8
Device Overview
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - TMS320C6657CZH8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6657CZH8 TI1-TMS320C6657CZH8 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6657CZH8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6745 TI1-TMS320C6745_16 Datasheet
1Mb / 227P
[Old version datasheet]   Fixed- and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
[Old version datasheet]   Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com