Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C5535AZHH05 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS320C5535AZHH05
Description  Fixed-Point Digital Signal Processors
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C5535AZHH05 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C5535AZHH05 Datasheet HTML 1Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 2Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 3Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 4Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 5Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 6Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 7Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 8Page - Texas Instruments TMS320C5535AZHH05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS320C5535, TMS320C5534, TMS320C5533, TMS320C5532
SPRS737C – AUGUST 2011 – REVISED APRIL 2014
TMS320C5535, 'C5534, 'C5533, 'C5532 Fixed-Point Digital Signal Processors
1
Device Overview
1.1
Features
1
– Four Inter-IC Sound (I2S Bus) for Data
• CORE:
Transport
– High-Performance, Low-Power, TMS320C55x
– Device USB Port with Integrated 2.0 High-
Fixed-Point Digital Signal Processor
Speed PHY that Supports:
20-, 10-ns Instruction Cycle Time
USB 2.0 Full- and High-Speed Device
50-, 100-MHz Clock Rate
– LCD Bridge with Asynchronous Interface
One or Two Instructions Executed per Cycle
– 10-Bit 4-Input Successive Approximation (SAR)
Dual Multiply-and-Accumulate Units (Up to
ADC
200 Million Multiply-Accumulates per Second
– IEEE-1149.1 (JTAG)
[MMACS])
Boundary-Scan-Compatible
Two Arithmetic and Logic Units (ALUs)
– 32 General-Purpose I/O (GPIO) Pins
Three Internal Data and Operand Read
(Multiplexed with Other Device Functions)
Buses and Two Internal Data and Operand
Configure Up to 20 GPIO Pins at the Same
Write Buses
Time
Software-Compatible with C55x Devices
• POWER:
Industrial Temperature Devices Available
– Four Core Isolated Power Supply Domains:
– 320KB of Zero-Wait State On-Chip RAM,
Analog, RTC, CPU and Peripherals, and USB
Composed of:
– Three I/O Isolated Power Supply Domains: RTC
64KB of Dual-Access RAM (DARAM),
I/O, USB PHY, and DVDDIO
8 Blocks of 4K x 16-Bit
– Three integrated LDOs (DSP_LDO, ANA_LDO,
256KB of Single-Access RAM (SARAM), 32
and USB_LDO) to power the isolated domains:
Blocks of 4K x 16-Bit
DSP Core, Analog, and USB Core, respectively
– 128KB of Zero Wait-State On-Chip ROM
– 1.05-V Core (50 MHz), 1.8-, 2.5-, 2.75-, or 3.3-V
(4 Blocks of 16K x 16-Bit)
I/Os
– Tightly Coupled FFT Hardware Accelerator
– 1.3-V Core (100 MHz), 1.8-, 2.5-, 2.75-, or 3.3-V
• PERIPHERAL:
I/Os
– Direct Memory Access (DMA) Controller
• CLOCK:
Four DMA with 4 Channels Each (16
– Real-Time Clock (RTC) with Crystal Input,
Channels Total)
Separate Clock Domain, and Separate Power
– Three 32-Bit General-Purpose (GP) Timers
Supply
One Selectable as a Watchdog or GP
– Low-Power Software Programmable Phase-
– Two Embedded Multimedia Card (eMMC) or
Locked Loop (PLL) Clock Generator
Secure Digital (SD) Interfaces
• BOOTLOADER:
– Universal Asynchronous Receiver/Transmitter
– On-Chip ROM Bootloader (RBL) to Boot From
(UART)
SPI EEPROM, SPI Serial Flash or I2C EEPROM
– Serial Port Interface (SPI) with Four Chip
eMMC, SD, SDHC, UART, and USB
Selects
• PACKAGE:
– Master and Slave Inter-Integrated Circuit (I2C
– 144-Terminal Pb-Free Plastic BGA (Ball Grid
Bus)
Array) (ZHH Suffix)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320C5535AZHH05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C5535AZHH05 TI1-TMS320C5535AZHH05 Datasheet
1Mb / 155P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C5535AZHH05 TI1-TMS320C5535AZHH05 Datasheet
1Mb / 156P
[Old version datasheet]   TMS320C5535, C5534, C5533,C5532 FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C5535AZHH05 TI1-TMS320C5535AZHH05 Datasheet
1Mb / 157P
[Old version datasheet]   TMS320C5535, C5534, C5533, C5532 Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C5535AZHH05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com