Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TMS320DM8168CCYG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8168CCYG4
Description  DaVinci Digital Media Processors
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8168CCYG4 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320DM8168CCYG4 Datasheet HTML 1Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 2Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 3Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 4Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 5Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 6Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 7Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 8Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 328 page
background image
TMS320DM8168, TMS320DM8167
TMS320DM8165
www.ti.com
SPRS614F – MARCH 2011 – REVISED MARCH 2015
1.2
Applications
Video Encode, Decode, Transcode, and Transrate
Video Infrastructure
Video Security
Media Server
Video Conferencing
Digital Signage
1.3
Description
The DM816x DaVinci video processors are a highly integrated, programmable platform that leverages TI's
DaVinci technology to meet the processing needs of the following applications: video encode, decode,
transcode, and transrate; video security; video conferencing; video infrastructure; media server; and digital
signage.
The device enables original-equipment manufacturers (OEMs) and original-design manufacturers (ODMs)
to quickly bring to market devices featuring robust operating systems support, rich user interfaces, and
high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device combines programmable video and audio processing with a highly integrated
peripheral set.
Key to the device are up to three high-definition video and imaging coprocessors (HDVICP2). Each
coprocessor can perform a single 1080p60 H.264 encode or decode or multiple lower resolution or frame
rate encodes and decodes. Multichannel HD-to-HD or HD-to-SD transcoding and multicoding are also
possible. With the ability to simultaneously process 1080p60 streams, the TMS320DM816x device is a
powerful solution for today's demanding HD video application requirements.
Programmability is provided by an ARM Cortex-A8 RISC CPU with NEON extension, TI C674x VLIW
floating-point DSP core, and high-definition video and imaging coprocessors. The ARM processor lets
developers keep control functions separate from audio and video algorithms programmed on the DSP and
coprocessors, thus reducing the complexity of the system software. The ARM Cortex-A8 32-bit RISC
processor with NEON floating-point extension includes: 32KB of instruction cache; 32KB of data cache;
256KB of L2 cache; 48KB of public ROM, and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each peripheral, see the related sections in this document and the
associated peripheral reference guides. The peripheral set includes: HD video processing subsystem
(HDVPSS), which provides output of simultaneous HD and SD analog video and dual HD video inputs; up
to two Gigabit Ethernet MACs (10 Mbps,100, Mbps, 1000 Mbps) with GMII and MDIO interface; two USB
ports with integrated 2.0 PHY; PCIe port x2 lanes GEN2 compliant interface, which allows the device to
act as a PCIe root complex or device endpoint; one 6-channel McASP audio serial port (with DIT mode);
two dual-channel McASP audio serial ports (with DIT mode); one McBSP multichannel buffered serial port;
three UARTs with IrDA and CIR support; SPI serial interface; SD and SDIO serial interface; two I2C
master and slave interfaces; up to 64 GPIO pins; seven 32-bit timers; system watchdog timer; dual DDR2
and DDR3 SDRAM interface; flexible 8-bit and 16-bit asynchronous memory interface; and up to two
SATA interfaces for external storage on two disk drives or more with the use of a port multiplier.
The device also includes an SGX530 3D graphics engine (available only on the TMS320DM8168 device)
to enable sophisticated GUIs and compelling user interfaces and interactions. Additionally, the device has
a complete set of development tools for both the ARM and DSP, including C compilers, a DSP assembly
optimizer to simplify programming and scheduling, and a Microsoft® Windows® debugger interface for
visibility into source code execution.
The C674x DSP core is the high-performance floating-point DSP generation in the TMS320C6000™ DSP
platform. The C674x floating-point DSP processor uses 32KB of L1 program memory and 32KB of L1 data
memory. Up to 32KB of L1P can be configured as program cache. The remaining is noncacheable no-
wait-state program memory. Up to 32KB of L1D can be configured as data cache. The remaining is
noncacheable no-wait-state data memory. The DSP has 256KB of L2 RAM, which can be defined as
SRAM, L2 cache, or a combination of both. All C674x L3 and off-chip memory accesses are routed
through a system MMU.
Copyright © 2011–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TMS320DM8168 TMS320DM8167 TMS320DM8165


Similar Part No. - TMS320DM8168CCYG4

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS320DM8168CCYG4 TI1-TMS320DM8168CCYG4 Datasheet
2Mb / 327P
[Old version datasheet]   TMS320DM816x DaVinci Video Processors
More results

Similar Description - TMS320DM8168CCYG4

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com