Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TMS320DM8168CCYG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8168CCYG4
Description  DaVinci Digital Media Processors
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8168CCYG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM8168CCYG4 Datasheet HTML 5Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 6Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 7Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 8Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 9Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 10Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 11Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 12Page - Texas Instruments TMS320DM8168CCYG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 328 page
background image
TMS320DM8168, TMS320DM8167
TMS320DM8165
www.ti.com
SPRS614F – MARCH 2011 – REVISED MARCH 2015
3.1
Device Characteristics
Table 3-2 provides an overview of the significant features of the TMS320DM816x devices, including the
capacity of on-chip RAM, peripherals, and the package type with pin count.
Table 3-2. Characteristics of the Processor
HARDWARE FEATURES
DM8168, DM6187, and DM6185
1 16-bit and 24-bit HD Capture Channel or
2 8-bit SD Capture Channels
and
1 16-bit HD Capture Channel or
2 8-bit SD Capture Channels
and
HD Video Processing Subsystem (HDVPSS)
1 16-bit, 24-bit, and 32-bit HD Display Channel
and
1 16-bit HD Display Channel
and
3 HD and 4 SD Video DACs
and
1 HDMI 1.3 Transmitter
DDR2 and DDR3 Memory Controller
2 (32-bit Bus Widths)
Asynchronous (8-bit and 16-bit bus width) RAM, NOR,
GPMC and ELM
NAND
64 Independent Channels
EDMA
8 QDMA Channels
10 Mbps, 100 Mbps, and 1000 Mbps Ethernet
MAC with Management Data Input and Output
2 (with MII and GMII Interface)
Peripherals
(MDIO)
Not all peripherals pins are
2 (Supports High-Speed and Full-Speed as a Device
available at the same time (for
USB 2.0
and High-Speed, Full-Speed, and Low-Speed as a
more detail, see Section 6,
Host)
Device Configurations).
PCI Express 2.0
1 Port (2 5.0GT per second lanes)
7 (32-bit General Purpose)
Timers
and
1 (Watchdog)
3 (with SIR, MIR, CIR support and RTS and CTS flow
UART
control)
(UART0 Supports Modem Interface)
SPI
1 (Supports 4 slave devices)
SD and SDIO
1 (1-bit or 4-bit)
I2C
2 (Master or Slave)
3 (1 Six-Serializer and 2 Dual Serializers, Each with
McASP
Transmit and Receive and DIT Capability)
McBSP
1 (2 Data Pins, Transmit and Receive)
Serial ATA (SATA)
Supports 2 Interfaces
RTC
1
GPIO
Up to 64 pins
ARM
32KB I-cache
32KB D-cache
On-Chip Memory
Organization
256KB L2 Cache
64KB RAM
48KB Boot ROM
DSP
32KB L1 Program (L1P) and Cache (up to 32KB)
32KB L1 Data (L1D) and Cache (up to 32KB)
256KB Unified Mapped RAM and Cache (L2)
MEDIA CONTROLLER
32KB Shared L1 Cache
256KB L2 RAM
Copyright © 2011–2015, Texas Instruments Incorporated
Device Comparison
9
Submit Documentation Feedback
Product Folder Links: TMS320DM8168 TMS320DM8167 TMS320DM8165


Similar Part No. - TMS320DM8168CCYG4

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS320DM8168CCYG4 TI1-TMS320DM8168CCYG4 Datasheet
2Mb / 327P
[Old version datasheet]   TMS320DM816x DaVinci Video Processors
More results

Similar Description - TMS320DM8168CCYG4

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com