Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCBUP8168CCYG2 Datasheet(PDF) 1 Page - Texas Instruments

Part # VCBUP8168CCYG2
Description  DaVinci Digital Media Processors
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCBUP8168CCYG2 Datasheet(HTML) 1 Page - Texas Instruments

  VCBUP8168CCYG2 Datasheet HTML 1Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 2Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 3Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 4Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 5Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 6Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 7Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 8Page - Texas Instruments VCBUP8168CCYG2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 328 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS320DM8168, TMS320DM8167
TMS320DM8165
SPRS614F – MARCH 2011 – REVISED MARCH 2015
TMS320DM816x DaVinci™ Digital Media Processors
1
Device Overview
1.1
Features
1
• High-Performance DaVinci Digital Media
• System Memory Management Unit (System MMU)
Processors
– Maps C674x DSP and EMDA TCB Memory
– ARM® Cortex™-A8 RISC Processor
Accesses to System Addresses
• 512KB of On-Chip Memory Controller (OCMC)
Up to 1.20 GHz
RAM
– C674x™ VLIW DSP
• Media Controller
Up to 1 GHz
– Manages HDVPSS and HDVICP2 Modules
Up to 8000 MIPS and 6000 MFLOPS
• Up to Three Programmable High-Definition Video
Fully Software-Compatible with C67x+ and
Image Coprocessing (HDVICP2) Engines
C64x+™
– Encode, Decode, Transcode Operations
• ARM Cortex-A8 Core
– H.264, MPEG-2, VC-1, MPEG-4 SP and ASP
– ARMv7 Architecture
• SGX530 3D Graphics Engine (Available Only on
In-Order, Dual-Issue, Superscalar Processor
the DM8168 Device)
Core
– Delivers up to 30 MTriangles per Second
NEON™ Multimedia Architecture
– Universal Scalable Shader Engine
– Supports Integer and Floating Point (VFPv3-
– Direct3D® Mobile, OpenGL® ES 1.1 and 2.0,
IEEE754 Compliant)
OpenVG™ 1.1, OpenMax™ API Support
Jazelle® RCT Execution Environment
– Advanced Geometry DMA Driven Operation
• ARM Cortex-A8 Memory Architecture
– Programmable HQ Image Anti-Aliasing
– 32-KB Instruction and Data Caches
• Endianness
– 256-KB L2 Cache
– ARM, DSP Instructions and Data – Little Endian
– 64-KB RAM, 48-KB of Boot ROM
• HD Video Processing Subsystem (HDVPSS)
• TMS320C674x Floating-Point VLIW DSP
– Two 165-MHz HD Video Capture Channels
– 64 General-Purpose Registers (32-Bit)
One 16-Bit or 24-Bit and One 16-Bit Channel
– Six ALU (32-Bit and 40-Bit) Functional Units
Each Channel Splittable Into Dual 8-Bit
Supports 32-Bit Integer, SP (IEEE Single
Capture Channels
Precision, 32-Bit) and DP (IEEE Double
– Two 165-MHz HD Video Display Channels
Precision, 64-Bit) Floating Point
One 16-Bit, 24-Bit, 30-Bit Channel and One
Supports up to Four SP Adds Per Clock and
16-Bit Channel
Four DP Adds Every Two Clocks
– Simultaneous SD and HD Analog Output
Supports up to Two Floating-Point (SP or
DP) Approximate Reciprocal or Square Root
– Digital HDMI 1.3 Transmitter with PHY with
Operations Per Cycle
HDCP up to 165-MHz Pixel Clock
– Two Multiply Functional Units
– Three Graphics Layers
Mixed-Precision IEEE Floating-Point Multiply
• Dual 32-Bit DDR2 and DDR3 SDRAM Interfaces
Supported up to:
– Supports up to DDR2-800 and DDR3-1600
2 SP x SP
→ SP Per Clock
– Up to Eight x8 Devices Total
2 SP x SP
→ DP Every Two Clocks
– 2GB of Total Address Space
2 SP x DP
→ DP Every Three Clocks
– Dynamic Memory Manager (DMM)
2 DP x DP
→ DP Every Four Clocks
Programmable Multi-Zone Memory Mapping
Fixed-Point Multiply Supports Two 32 x 32
and Interleaving
Multiplies, Four 16 x 16-Bit Multiplies
Enables Efficient 2D Block Accesses
Including Complex Multiplies, or Eight 8 x 8-
Supports Tiled Objects in 0°, 90°, 180°, or
Bit Multiplies per Clock Cycle
270° Orientation and Mirroring
• C674x Two-Level Memory Architecture
Optimizes Interlaced Accesses
– 32-KB L1P and L1D RAM and Cache
• One PCI Express® (PCIe) 2.0 Port with Integrated
– 256-KB L2 Unified Mapped RAM and Caches
PHY
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - VCBUP8168CCYG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCBUP8168CCYG2 TI1-VCBUP8168CCYG2 Datasheet
2Mb / 327P
[Old version datasheet]   TMS320DM816x DaVinci Video Processors
More results

Similar Description - VCBUP8168CCYG2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
JULY2011
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
[Old version datasheet]   Digital Media Processors
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
[Old version datasheet]   Digital Media Processors
TMS320DM8127 TI1-TMS320DM8127 Datasheet
2Mb / 365P
[Old version datasheet]   DaVinci Video Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com