Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS15I40A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMS15I40A
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS15I40A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMS15I40A Datasheet HTML 1Page - Toshiba Semiconductor CMS15I40A Datasheet HTML 2Page - Toshiba Semiconductor CMS15I40A Datasheet HTML 3Page - Toshiba Semiconductor CMS15I40A Datasheet HTML 4Page - Toshiba Semiconductor CMS15I40A Datasheet HTML 5Page - Toshiba Semiconductor CMS15I40A Datasheet HTML 6Page - Toshiba Semiconductor CMS15I40A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CMS15I40A
2
5.
5.
5.
5. Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Thermal Characteristics
Characteristics
Thermal resistance (junction-to-ambient)
Thermal resistance (junction-to-lead)
Symbol
Rth(j-a)
Rth(j-ℓ)
Note
Test Condition
Device mounted on a ceramic board
(board size: 50 mm × 50 mm)
(soldering land size: 2 mm × 2 mm)
(board thickness: 0.64 mm)
Device mounted on a glass-epoxy board
(board size: 50 mm × 50 mm)
(soldering land size: 6 mm × 6 mm)
(board thickness: 1.6 mm)
Junction to cathode lead
Max
60
135
16
Unit
/W
/W
6.
6.
6.
6. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak forward voltage
Repetitive peak reverse current
Junction capacitance
Symbol
VFM(1)
VFM(2)
VFM(3)
IRRM(1)
IRRM(2)
Cj
Note
Test Condition
IFM = 0.1 A (pulse measurement)
IFM = 1 A (pulse measurement)
IFM = 1.5 A (pulse measurement)
VRRM = 5 V (pulse measurement)
VRRM = 40 V (pulse measurement)
VR = 10 V, f = 1 MHz
Min
Typ.
0.26
0.37
0.41
8
17
62
Max
0.49
100
Unit
V
µA
pF
7.
7.
7.
7. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
Marking Code
SR
Part Number
CMS15I40A
2014-04-14
Rev.1.0


Similar Part No. - CMS15I40A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS15 TOSHIBA-CMS15 Datasheet
189Kb / 5P
   Switching Mode Power Supply Applications
CMS15 TOSHIBA-CMS15_13 Datasheet
179Kb / 5P
   TOSHIBA Schottky Barrier Diode
More results

Similar Description - CMS15I40A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com