Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-0070M3-GH Datasheet(PDF) 5 Page - Hirose Electric

Part # HD-0070M3-GH
Description  3 dB 90째 Card Couplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HD-0070M3-GH Datasheet(HTML) 5 Page - Hirose Electric

  HD-0070M3-GH Datasheet HTML 1Page - Hirose Electric HD-0070M3-GH Datasheet HTML 2Page - Hirose Electric HD-0070M3-GH Datasheet HTML 3Page - Hirose Electric HD-0070M3-GH Datasheet HTML 4Page - Hirose Electric HD-0070M3-GH Datasheet HTML 5Page - Hirose Electric HD-0070M3-GH Datasheet HTML 6Page - Hirose Electric HD-0070M3-GH Datasheet HTML 7Page - Hirose Electric HD-0070M3-GH Datasheet HTML 8Page - Hirose Electric HD-0070M3-GH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
31
HD-1500M3-GH
14.0
26.7
34.3
12.7
3.2
14.0
3.6
HD-1700M3-FH
10.35
11.7
20.7
20.7
14.3
3.3
14.3
Part Number
HD-0313M3-FH
HD-0900M3-CH-2
A
38.1
38.1
B
45.7
45.7
C
50.8
50.8
D
12.7
12.7
E
6.4
6.4
F
3.2
3.2
G
38.1
38.1
H
6.4
6.4
I
3.6
3.6
Part Number
A
B
CD
E
F
G
Part Number
A
B
CD
E
F
G
Fig.3
Fig.4
Fig.5
PCB Mounting Pattern
PCB Mounting Pattern
PCB Mounting Pattern


Similar Part No. - HD-0070M3-GH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HD-02103AST HIROSE-HD-02103AST Datasheet
60Kb / 3P
   Stick Coupler
More results

Similar Description - HD-0070M3-GH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
   Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
   Hybrid Couplers 3 dB, 90째
JP503 ANAREN-JP503 Datasheet
146Kb / 4P
   Hybrid Couplers 3 dB, 90째
JP503S ANAREN-JP503S Datasheet
357Kb / 3P
   Hybrid Couplers 3 dB, 90째
1P503 ANAREN-1P503 Datasheet
140Kb / 4P
   Hybrid Couplers 3 dB, 90째
11304-3 ANAREN-11304-3 Datasheet
159Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3S ANAREN-11305-3S Datasheet
296Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3 ANAREN-11305-3 Datasheet
337Kb / 2P
   Hybrid Couplers 3 dB, 90째
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com