Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX6A-40P-0.8SV Datasheet(PDF) 3 Page - Hirose Electric

Part # FX6A-40P-0.8SV
Description  0.8mm Pitch Stacking Height 5 to 9mm Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX6A-40P-0.8SV Datasheet(HTML) 3 Page - Hirose Electric

  FX6A-40P-0.8SV Datasheet HTML 1Page - Hirose Electric FX6A-40P-0.8SV Datasheet HTML 2Page - Hirose Electric FX6A-40P-0.8SV Datasheet HTML 3Page - Hirose Electric FX6A-40P-0.8SV Datasheet HTML 4Page - Hirose Electric FX6A-40P-0.8SV Datasheet HTML 5Page - Hirose Electric FX6A-40P-0.8SV Datasheet HTML 6Page - Hirose Electric FX6A-40P-0.8SV Datasheet HTML 7Page - Hirose Electric FX6A-40P-0.8SV Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A215
Part Number
CL No.
Number of Contacts
AB
C
D
E
Unit: mm
FX6-020P-0.8SV
FX6-040P-0.8SV
FX6-050P-0.8SV
FX6-060P-0.8SV
FX6-080P-0.8SV
FX6-100P-0.8SV
576-0001-3
576-0003-9
576-0004-1
576-0005-4
576-0007-0
576-0008-2
20
40
50
60
80
100
15.8
23.8
27.8
31.8
39.8
47.8
12.9
20.9
24.9
28.9
36.9
44.9
10.7
18.7
22.7
26.7
34.7
42.7
07.2
15.2
19.2
23.2
31.2
39.2
12.8
20.8
24.8
28.8
36.8
44.8
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer.
Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces).
(Refer to the delivery form item on page A214 for details.)
sHeader-Stacking Height: Standard type
With Boss Type
BPCB mounting pattern


Similar Part No. - FX6A-40P-0.8SV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6ASJ-03 RENESAS-FX6ASJ-03 Datasheet
105Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03-T13 RENESAS-FX6ASJ-03-T13 Datasheet
105Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03-T13 RENESAS-FX6ASJ-03-T13 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX6A-40P-0.8SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
SUYIN USA, INC.
800216FR SUYIN-USA-800216FR Datasheet
163Kb / 1P
   0.8mm PITCH SCSI CONNECTOR
800217MC SUYIN-USA-800217MC Datasheet
115Kb / 1P
   0.8mm PITCH SCSI CONNECTOR
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com