Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43DR00-001 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS43DR00-001
Description  ISSI DDR2 SDRAM Design Considerations Guide
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR00-001 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS43DR00-001 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR00-001 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR00-001 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR00-001 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR00-001 Datasheet HTML 5Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DDR2 datasheets specify VDD, VDDQ, and VDDL condition as 1.8V+-100mV. This specification is a DC
condition for the device that assumes ideal voltage conditions without current deficiencies. VDD and
VDDQ often share the same power plane in the board, which can result in level shifts on VDD. This
condition is caused by DDR2 high frequency I/O switching (VDDQ) which consumes a large amount of
current vs VDD requirements. In typical DDR2 applications, most voltage variations are caused by
current limitations, which are the result dynamic power requirements that change over the course of
the various operational modes of the DRAM.
The following charts illustrate current deficiencies and voltage drop(s) caused by a change in the
operating mode from standby to active. Major factors that contribute to current deficiencies in DDR2
applications are inductances and power supply design methodologies.
Inductances are resistive to current changes, acting as a constraint to the amount of instantaneous
current that is available when operating modes change. When the device transitions from standby to
active mode, the current demand increases rapidly (Fig 1 - Green trace). If a board design has
excessive supply path inductances, this sudden demand increase can easily exceed the capability of
the power supply to provide the needed current. The current deficiency resulting from the high
inductance is highlighted by the red triangle. The lack of current is visible in the voltage drop (Fig 1 -
Yellow trace) until the power supply can provide enough current to meet the active power
requirements. Because of this potential phenomenon, supply path inductances should be minimized
and voltage drops should not exceed 50mV (duration must be < 20us), nor should they exceed 70mV
(duration must be < 10us).
[Fig 1.] Voltage dip caused by inductive supply paths resulting in VDD/VDDQ current deficiencies.
Power supply responds immediately after device consume
the current
220mA
60mA
Operating Period
Standby Period


Similar Part No. - IS43DR00-001

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16128 ISSI-IS43DR16128 Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBI ISSI-IS43DR16128-3DBI Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBL ISSI-IS43DR16128-3DBL Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128-3DBLI ISSI-IS43DR16128-3DBLI Datasheet
580Kb / 26P
   2Gb (x16) DDR2 SDRAM
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
More results

Similar Description - IS43DR00-001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN4138 FAIRCHILD-AN4138 Datasheet
404Kb / 20P
   Design Considerations
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
logo
Winbond
AN-CC1002 WINBOND-AN-CC1002 Datasheet
131Kb / 3P
   Design Considerations for ISD1700 Family
logo
Micron Technology
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com