Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR16320 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS46DR16320
Description  Clock frequency up to 400MHz
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR16320 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS46DR16320 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR16320 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IS43DR86400, IS43/46DR16320  
Integrated Silicon Solution, Inc. – www.issi.com –
2
Package Ball‐out and Description 
DDR2 SDRAM (64Mx8) BGA Ball‐out (Top‐View) (10.00 mm X 10.50 mm Body, 0.8 mm pitch) 
Description
Input clocks
Clock enable
Chip Select
Command control pins
Address
Bank Address
I/O
Data Strobe
Redundant Data Strobe
Input data mask
Supply voltage
Ground
DQ power supply
DQ ground
Reference voltage
DLL power supply
DLL ground
On Die Termination Enable
No connect
Symbol
CK, CK#
CKE
CS#
RAS#,CAS#,WE#
Ax
BAx
DQx
DQS, DQS#
RDQS, RDQS#
DM
VDD
VDDL
VSSDL
NC
VSS
VDDQ
VSSQ
VREF
ODT
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
VDD
DQ6
VDDQ
DQ4
VDDL
NC
VSS
VDD
RDQS
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
VSS
DM/RDQS
VDDQ
DQ3
VSS
WE
BA1
A1
A5
A9
NC
VSSQ
DQS
VDDQ
DQ2
VSSDL
RAS
CAS
A2
A6
A11
NC
DQS
VSSQ
DQ0
VSSQ
LDQS
CK
CS
A0
A4
A8
A13
VDDQ
DQ7
VDDQ
DQ5
VDD
ODT
VDD
VSS
Not populated
Notes:
1. Pins B3 and A2 have identical capacitance as pins B7 
and A8.
2. For a read, when enabled, strobe pair RDQS & RDQS# 
are identical in function and timing to strobe pair DQS & 
DQS# and input masking function is disabled.
3. The function of DM or RDQS/RDQS# are enabled by 
EMRS command.
4. VDDL and VSSDL are power and ground for the DLL. It 
is recommended that they are isolated on the device 
from VDD, VDDQ, VSS, and VSSQ.
Rev. 00A, 11/17/2009


Similar Part No. - IS46DR16320

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR16320B-25DBLA2 ISSI-IS46DR16320B-25DBLA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-25EBLA1 ISSI-IS46DR16320B-25EBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBA2 ISSI-IS46DR16320B-37CBA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBLA1 ISSI-IS46DR16320B-37CBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR16320B-37CBLA2 ISSI-IS46DR16320B-37CBLA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS46DR16320

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16640A-3DBL ISSI-IS43DR16640A-3DBL Datasheet
855Kb / 28P
   Clock frequency up to 400MHz
IS43DR16128A ISSI-IS43DR16128A Datasheet
993Kb / 26P
   Clock frequency up to 333MHz
logo
Micrel Semiconductor
SY89429A MICREL-SY89429A Datasheet
140Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429A MICREL-SY89429A_09 Datasheet
540Kb / 9P
   PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
Rohm
BU90T82 ROHM-BU90T82 Datasheet
853Kb / 28P
   Support clock frequency from 10MHz up to 174MHz
BU90R102 ROHM-BU90R102 Datasheet
821Kb / 29P
   Support clock frequency from 8MHz up to 160MHz
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
Integrated Device Techn...
ICS844801I-24 IDT-ICS844801I-24 Datasheet
195Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS 400MHZ FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com