Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS46DR81280C Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS46DR81280C
Description  Differential data strobe
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46DR81280C Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS46DR81280C Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS46DR81280C Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. 00A
6/4/2013
IS43/46DR81280C, IS43/46DR16640C
Input DC logic level
Symbol
Parameter
Min.
Max.
Units
Notes
VIH(dc)
dc input logic HIGH
VREF + 0.125
VDDQ + 0.3
V
VIL(dc)
dc input logic LOW
- 0.3
VREF - 0.125
V
Input AC logic level
Symbol Parameter
DDR2-400, DDR2-533
DDR2-667, DDR2-800
Units Notes
Min.
Max.
Min.
Max
VIH (ac) ac input logic HIGH
VREF + 0.250
VDDQ + Vpeak
VREF + 0.200
VDDQ + Vpeak
V
1
VIL (ac) ac input logic LOW
VSSQ - Vpeak
VREF - 0.250
VSSQ - Vpeak
VREF - 0.200
V
1
AC Input Test Conditions
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 x VDDQ
V
1
VSWING(MAX) Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
Notes:
1. Refer to Overshoot/undershoot specifications for Vpeak value: maximum peak amplitude allowed for overshoot and undershoot.
Notes:
1. Input waveform timing is referenced to the input signal crossing through the VIH/IL(AC) level applied to the device under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(ac) min for rising edges and the range from VREF to
VIL(ac) max for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL(ac) to VIH(ac) on the positive transitions and VIH(ac) to VIL(ac) on the
negative transitions.
AC input test signal waveform
VDDQ
VIH(ac) min
VIH(dc) min
VREF
VIL(dc) max
VIL(ac) max
VSS
VSWING(MAX)
DTR
DTF
VREF - VIL(ac) max
DTF
Falling Slew =
Rising Slew =
VIH(ac) min - VREF
DTR


Similar Part No. - IS46DR81280C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46DR83200A ISSI-IS46DR83200A Datasheet
1Mb / 48P
   32Mx8, 16Mx16 DDR2 DRAM
IS46DR86400B-25EBLA1 ISSI-IS46DR86400B-25EBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR86400B-37CBLA1 ISSI-IS46DR86400B-37CBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR86400B-37CBLA2 ISSI-IS46DR86400B-37CBLA2 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS46DR86400B-3DBLA1 ISSI-IS46DR86400B-3DBLA1 Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS46DR81280C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
2GB-DDR3L-AS4C256M8D3L ALSC-2GB-DDR3L-AS4C256M8D3L Datasheet
3Mb / 86P
   Bidirectional differential data strobe
logo
Micron Technology
MT41J128M16HA-125 MICRON-MT41J128M16HA-125 Datasheet
2Mb / 206P
   Differential bidirectional data strobe
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com