Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD400-7321 Datasheet(PDF) 3 Page - SICK AG

Part # ISD400-7321
Description  OPTICAL DATA TRANSMISSION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ISD400-7321 Datasheet(HTML) 3 Page - SICK AG

  ISD400-7321 Datasheet HTML 1Page - SICK AG ISD400-7321 Datasheet HTML 2Page - SICK AG ISD400-7321 Datasheet HTML 3Page - SICK AG ISD400-7321 Datasheet HTML 4Page - SICK AG ISD400-7321 Datasheet HTML 5Page - SICK AG ISD400-7321 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISD400-7321 | ISD400
OPTICAL DATA TRANSMISSION
Max. rel. humidity (not condensing)
90 %, Non-condensing
1) This is a Class A device. This device can cause radio interference in living quarters.
General notes
Note
Setting up a data transmission path requires a pair of devices, where one device has frequen-
cy F1 (ISD400-7xx1) and the other device has frequency F2 (ISD400-7xx2). A wide variety of
Ethernet protocols can be used in protocol-free transmission (e.g., PROFINET, PROFIsafe, Ether-
Net/IP, EtherCAT, TCP/IP, etc.).
Dimensional drawing (Dimensions in mm (inch))
2
1
M6
3
4
9
6
8
5
7
1
71.7
(2.82)
30
(1.18)
60 (2.34)
123.5 (4.86)
116.2 (4.57)
68.7 (2.70)
①  Threaded mounting hole M6
②  Center of optical axis, sender
③  Receive indicator
④  Center of optical axis, receiver
⑤  Ethernet female connector M12, 4-pin, D-coded
⑥  Power supply male connector M12, 4-pin, A-coded
⑦  Display with pushbuttons
⑧  Optical adjustment aid
⑨  Alignment sight
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - ISD400-7321

ManufacturerPart #DatasheetDescription
logo
SICK AG
ISD400-7322 SICK-ISD400-7322 Datasheet
509Kb / 6P
   OPTICAL DATA TRANSMISSION
More results

Similar Description - ISD400-7321

ManufacturerPart #DatasheetDescription
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-7222 SICK-ISD400-7222 Datasheet
509Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-7312 SICK-ISD400-7312 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-5211 SICK-ISD300-5211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6121 SICK-ISD400-6121 Datasheet
573Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD400-7212 SICK-ISD400-7212 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-1311 SICK-ISD300-1311 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-6211 SICK-ISD300-6211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-1112 SICK-ISD300-1112 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com