Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6054709 Datasheet(PDF) 3 Page - SICK AG

Part # 6054709
Description  ULTRASONIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6054709 Datasheet(HTML) 3 Page - SICK AG

  6054709 Datasheet HTML 1Page - SICK AG 6054709 Datasheet HTML 2Page - SICK AG 6054709 Datasheet HTML 3Page - SICK AG 6054709 Datasheet HTML 4Page - SICK AG 6054709 Datasheet HTML 5Page - SICK AG 6054709 Datasheet HTML 6Page - SICK AG 6054709 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UC4-13347 | UC4
ULTRASONIC SENSORS
Housing material
ABS-plastic
Ultrasonic transducer: polyurethane foam, glass epoxy resin
Connection type
Male connector, M8, 3-pin
Indication
2 x LED
Weight
10 g
Sending axis
Straight
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) Without load.
Ambient data
Enclosure rating
IP 67
Protection class
III
Ambient temperature
Operation: –25 °C ... +70 °C 1)
Storage: –40 °C ... +85 °C
1) At operating temperatures of > 50 °C, the rear side of the UC4 must be installed with its surface flat against a bracket.
Dimensional drawing (Dimensions in mm (inch))
1
2
34
5
16 (0.63)
16.7 (0.66)
3.1
(0.12)
3.1
(0.12)
4.9
(0.19)
4.9
(0.19)
12.2
(0.48)
9
(0.35)
①  Threaded mounting hole M3
②  Connection
③  Status indicator switching output (orange)
④  Status indicator operating voltage active (green)
⑤  Operating elements
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - 6054709

ManufacturerPart #DatasheetDescription
logo
SICK AG
6054708 SICK-6054708 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
More results

Similar Description - 6054709

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com