Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6053542 Datasheet(PDF) 4 Page - SICK AG

Part # 6053542
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6053542 Datasheet(HTML) 4 Page - SICK AG

  6053542 Datasheet HTML 1Page - SICK AG 6053542 Datasheet HTML 2Page - SICK AG 6053542 Datasheet HTML 3Page - SICK AG 6053542 Datasheet HTML 4Page - SICK AG 6053542 Datasheet HTML 5Page - SICK AG 6053542 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UM12-1172211 | UM12
ULTRASONIC SENSORS
Detection area
UM1x-x17
0
50
(1.97)
250
(9.84)
150
(5.91)
200
(7.87)
100
(3.94)
100
(3.94)
50
(1.97)
0
Detection area in mm (inch)
Detection area in mm (inch)
50
(1.97)
100
(3.94)
5
3
2
1
4
①  Sensing range dependent on reflection properties, size and orientation of the object
②  Limiting range
③  Working range
④  Example object: aligned plate 500 mm x 500 mm
⑤  Example object: pipe with 10 mm diameter
Recommended accessories
Other models and accessories
www.sick.com/UM12
Brief description
Type
Part no.
Universal bar clamp systems
Plate N05 for universal clamp bracket, M12, Zinc plated steel (sheet), Zinc die cast
(clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N05
2051611
Mounting brackets and mounting plates
Mounting plate for M12 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M12
5321869
Mounting bracket, M12 thread, steel, zinc coated, without mounting hardware
BEF-WN-M12
5308447
Terminal and alignment brackets
Clamping block for round sensors M12, without fixed stop, plastic (PA12), glass-fiber re-
inforced, mounting hardware included
BEF-KH-M12
2051479
Plug connectors and cables
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - 6053542

ManufacturerPart #DatasheetDescription
logo
SICK AG
6053543 SICK-6053543 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
6053544 SICK-6053544 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
6053545 SICK-6053545 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
6053546 SICK-6053546 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
6053547 SICK-6053547 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - 6053542

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com