Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25WQ040 Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS25WQ040
Description  1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WQ040 Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS25WQ040 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25WQ040 Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
IS25WQ040/020
Integrated Silicon Solution, Inc.- www.issi.com
Rev. 0A
12/05/2014
8
4. SPI MODES DESCRIPTION
Multiple IS25WQ040/020 devices can be connected on the SPI serial bus and controlled by a SPI Master, i.e.
microcontroller, as shown in Figure 4.1 the devices support either of two SPI modes:
Mode 0 (0, 0)
Mode 3 (1, 1)
The difference between these two modes is the clock polarity. When the SPI master is in stand-by mode, the
serial clock remains at “0” (SCK = 0) for Mode 0 and the clock remains at “1” (SCK = 1) for Mode 3. Please refer
to Figure 4.2 for SPI mode. In SPI mode, the input data is latched on the rising edge of Serial Clock (SCK), and
the output data is available from the falling edge of SCK.
Figure 4.1 Connection Diagram among SPI Master and SPI Slaves (Memory Devices)
Notes:
1. The Write Protect (WP#) and Hold (HOLD#) signals should be driven high or low as necessary.
2. SI and SO pins become bidirectional IO0 and IO1, and WP# and HOLD# pins become IO2 and IO3 respectively
during Multi-IO mode.
SPI interface with
(0,0) or (1,1)
SPI Master
(i.e. Microcontroller)
SPI
Memory
Device
SPI
Memory
Device
SPI
Memory
Device
SCK SO
SI
SCK
SDI
SDO
CE#
WP# HOLD#
SCK SO
SI
CE#
WP# HOLD#
SCK SO
SI
CE#
WP# HOLD#
CS3
CS2
CS1
PRELIMINARY INFORMATION


Similar Part No. - IS25WQ040

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
More results

Similar Description - IS25WQ040

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP128 ISSI-IS25WP128 Datasheet
929Kb / 107P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP064A ISSI-IS25WP064A Datasheet
1Mb / 111P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
logo
Silicon Storage Technol...
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
   1.8V Serial Quad I/O (SQI) Flash Memory
logo
Integrated Silicon Solu...
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com