Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256-JLLE1 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS25LP256-JLLE1
Description  3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256-JLLE1 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS25LP256-JLLE1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256-JLLE1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IS25LP256
Integrated Silicon Solution, Inc.- www.issi.com
2
Rev.00A
1/16/2014
FEATURES
 Industry Standard Serial Interface
- IS25LP256: 256Mbit/32Mbyte
- 3 or 4 Byte Addressing Mode
- Supports Standard SPI, Fast, Dual, Dual
I/O, Quad, Quad I/O, SPI DTR, Dual I/O
DTR, Quad I/O DTR, and QPI
- Software & Hardware Reset
- Supports Serial Flash Discoverable
Parameters (SFDP)
 High Performance Serial Flash (SPI)
- 80MHz Normal Read
- Up to166Mhz Fast Read
- Up to 80MHz DTR (Dual Transfer Rate)
- Equivalent Throughput of 664 Mb/s
- Selectable Dummy Cycles
- Configurable Drive Strength
- Supports SPI Modes 0 and 3
- More than 100,000 Erase/Program Cycles
- More than 20-year Data Retention
 Flexible & Efficient Memory Architecture
- Chip Erase with Uniform: Sector/Block
Erase (4/32/64 Kbyte)
- Program 1 to 256 Byte per Page
- Program/Erase Suspend & Resume
 Efficient Read and Program modes
- Low Instruction Overhead Operations
- Continuous Read 8/16/32/64 Byte Burst
- Selectable Burst Length
- QPI for Reduced Instruction Overhead
- AutoBoot operation
 Low Power with Wide Temp. Ranges
- Single 2.30V to 3.60V Voltage Supply
- 10 mA Active Read Current
- 8 µA Standby Current
- 1 µA Deep Power Down
- Temp Grades:
Extended: -40°C to +105°C
Extended+: -40°C to +125°C
Auto Grade: up to +125°C
Note: Extended+ should not be used for Automotive
 Advanced Security Protection
- Software and Hardware Write Protection
- Advanced Sector Protection
- Top/Bottom Block protection and
Complement
- Individual Block/Sector unlock
- Power Supply Lock Protection
- 4x256 Byte Dedicated Security Area
with User-lockable Bits, (OTP) One
Time Programmable Memory
- 128 bit Unique ID for Each Device (call
factory)
 Industry Standard Pin-out & Packages
- M =16-pin SOIC 300mil
- L = 8-contact WSON 8x6mm
- G = 24-ball TFBGA 6x8mm (4x6 ball array)
- KGD (Call Factory)
256MBIT
3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI &
DTR INTERFACE
ADVANCED INFORMATION
ADVANCED INFORMATION


Similar Part No. - IS25LP256-JLLE1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EGLA3 ISSI-IS25LP256D-EGLA3 Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EGLE ISSI-IS25LP256D-EGLE Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EHLA3 ISSI-IS25LP256D-EHLA3 Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D-EHLE ISSI-IS25LP256D-EHLE Datasheet
2Mb / 174P
   SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25LP256-JLLE1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP128 ISSI-IS25WP128 Datasheet
929Kb / 107P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com