Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2110 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31AP2110
Description  20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2110 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2110 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IS31AP2110
Integrated Silicon Solution, Inc. – www.issi.com
11
Rev. A, 09/01/2014
APPLICATIONS INFORMATION
GAIN SETTINGS
The gain of the IS31AP2110 is set by two input pins,
GAIN0 and GAIN1. By varying input resistance in
IS31AP2110, the various volume gains are achieved.
The respective volume gain and input resistance are
listed in Table 1. However, there is 20% variation in
input resistance from production variation.
Table 1
Volume gain and input impedance
GAIN1 GAIN0
Volume Gain
(dB)
Input Resistance,
RIN (kΩ)
0
0
20
60
0
1
26
30
1
0
32
15
1
1
36
9
SHUTDOWN (SDB) CONTROL
Pulling SDB pin low will let IS31AP2110 operate in
low-current state for power conservation. The
IS31AP2110 outputs will enter mute once SDB pin is
pulled low, and regulator will also disable to save
power. If let SDB pin floating, the chip will enter
shutdown mode because of the internal pull low
resistor. For the best power-off performance, place
the chip in the shutdown mode in advance of
removing the power supply.
DC DETECTION
IS31AP2110 has dc detection circuit to protect the
speakers from DC current which might be occurred
as input capacitor defect or inputs short on printed
circuit board. The detection circuit detects first
volume amplifier stage output, when both differential
outputs’ voltage become higher than a determined
voltage or lower than a determined voltage for more
than 420ms, the dc detect error will occur and report
to FAULTB pin. At the same time, loudspeaker
drivers of right/left channel will disable and enter Hi-
Z. This fault can’t be cleared by cycling SDB, it is
necessary to cycle the VCC supply.
The minimum differential input voltages required to
trigger the DC detect function are shown in table2.
The input voltage must keep above the voltage listed
in the table for more than 420msec to trigger the DC
detect fault. The equivalent class-D output duty of
the DC detect threshold is listed in table3. For 8V
supply, DC detect fault will occur as output duty
exceed 13% for more than 420msec.
Table 2
DC Detect Threshold
AV (dB)
VIN (mV, differential)
20
104
26
52
32
26
36
16
Table 3
Output DC Detect Duty (for Either Channel)
VCC (V)
Output Duty Exceeds
8
13%
12
8.7%
16
6.5%
24
4.3%
THERMAL PROTECTION
If the internal junction temperature is higher than
170
oC, the outputs of loudspeaker drivers will be
disabled and at low state. The temperature for
IS31AP2110 returning to normal operation is about
150
oC. The variation of protected temperature is
about 10%. Thermal protection faults are not
reported on the FAULTB pin.
SHORT-CIRCUIT PROTECTION
To protect loudspeaker drivers from over-current
damage, IS31AP2110 has built-in short-circuit
protection circuit. When the wires connected to
loudspeakers are shorted to each other or shorted to
GND or to VCC, overload detectors may activate.
Once one of right and left channel overload
detectors are active, the amplifier outputs will enter a
Hi-Z state and the protection latch is engaged. The
short protection fault is reported on FAULTB pin as a
low state. The latch can be cleared by reset SDB or
power supply cycling.
The short circuit protection latch can have auto-
recovery function by connect the FAULTB pin
directly to SDB pin. The latch state will be released
after 420ms, and the short protection latch will re-
cycle if output overload is detected again.
UNDER-VOLTAGE DETECTION
When the AVDD voltage is lower than 2.7V or the
VCC voltage is lower than 7.5V, loudspeaker drivers
of right/left channel will be disabled and kept at low
state. Otherwise, IS31AP2110 return to normal
operation.


Similar Part No. - IS31AP2110

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
More results

Similar Description - IS31AP2110

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
   2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
logo
ON Semiconductor
NCS8353 ONSEMI-NCS8353 Datasheet
667Kb / 14P
   Stereo 20W/Ch Class D Audio Power Amplifier with Programmable Power Limit and Selectable Gain
February, 2011 ??Rev. 2
logo
Power Analog Micoelectr...
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Monolithic Power System...
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com